Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GT245AUSE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV2GT245AUSE
Description  Dual Bus Transceivers with 3-state Outputs / CMOS Logic Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT245AUSE Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV2GT245AUSE Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 9Page - Renesas Technology Corp HD74LV2GT245AUSE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV2GT245A
Rev.2.00, Oct.23.2003, page 6 of 9
Switching Characteristics
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
6.0
8.5
1.0
10.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
8.0
12.0
1.0
13.5
ns
CL = 50 pF
A or B
B or A
8.0
13.5
1.0
15.5
CL = 15 pF
Enable time
tZH
tZL
10.0
17.0
1.0
19.0
ns
CL = 50 pF
OE
A or B
9.5
16.5
1.0
19.5
CL = 15 pF
Disable time
tHZ
tLZ
14.0
20.0
1.0
22.0
ns
CL = 50 pF
OE
A or B
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.3
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
5.6
7.5
1.0
8.5
ns
CL = 50 pF
A or B
B or A
5.7
8.5
1.0
10.0
CL = 15 pF
Enable time
tZH
tZL
7.0
10.6
1.0
12.0
ns
CL = 50 pF
OE
A or B
7.8
12.8
1.0
14.2
CL = 15 pF
Disable time
tHZ
tLZ
10.9
14.7
1.0
16.0
ns
CL = 50 pF
OE
A or B
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V) Min
Typ
Max
Unit
Test Conditions
Power dissipation
capacitance
CPD
5.0
25.0
pF
f = 10 MHz


Similar Part No. - HD74LV2GT245AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT245A RENESAS-HD74LV2GT245A_15 Datasheet
121Kb / 12P
   Dual Bus Transceivers with 3?뱒tate Outputs / CMOS Logic Level Shifter
More results

Similar Description - HD74LV2GT245AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT245A RENESAS-HD74LV2GT245A_15 Datasheet
121Kb / 12P
   Dual Bus Transceivers with 3?뱒tate Outputs / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A Datasheet
92Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A Datasheet
88Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT241A RENESAS-HD74LV2GT241A Datasheet
90Kb / 9P
   Dual Bus Buffer Noninverted with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT240A RENESAS-HD74LV2GT240A Datasheet
92Kb / 9P
   Dual Bus Buffer Inverted with 3-state Output / CMOS Logic Level Shifter
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV2G245A RENESAS-HD74LV2G245A Datasheet
100Kb / 11P
   Dual Bus Transceivers with 3-state Outputs
HD74LV2GT125A RENESAS-HD74LV2GT125A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A_15 Datasheet
113Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com