Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-202BSA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICM-202BSA
Description  CIF/QCIF CMOS image sensor with digital YUV output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-202BSA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICM-202BSA Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-202BSA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ICM202B CIF/QCIF CMOS sensor with digital YUV output
Data Sheet V2.0, February 2003
©2000, 2001,2002, 2003 IC Media Corporation & IC Media Technology Corp
2/5/2003
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 2
Confidential
2
Features
101,376 (352x288) pixels, CIF format, used with 1/7” optical system
Correlated double sampling
On-chip 9-bit ADC
On-chip digital signal processing
Real-time color interpolation
Programmable/Automatic exposure control
Programmable/Automatic white balancing and color correction
Programmable sharpening control
Programmable color saturation control
Programmable gamma correction
Programmable brightness correction
Programmable hue correction
Programmable contrast correction
Programmable anti-flickering (50Hz, 60Hz or off, like outdoor)
Progressive readout
Video mode and single frame mode
Output data format: 8/16-bit YUV/YCbCr, 24-bit RGB, 16-bit RGB, 8-bit raw data
Output modes: CIF and Sub-sampling QCIF, programmable
Input/output interface: SIF
Power down mode
Automatic optical black compensation
Left-Right Mirror image
Up-down Mirror image
Single power supply, 2.8+/- 0.2V and/or 3.3V +/- 0.15V
General Description
This is a single-chip digital color imaging device. It incorporates a 352 x 288 sensor array operating at
max. 30 frames per second in progressive manner. Each pixel is covered by a color filter, which formed a
so-called Bayer pattern. Correlated double sampling is performed by the internal ADC and timing
circuitry.
Depending on the brightness of the scene, the raw data can be adjusted by the digital gain for all pixels, or
be adjusted separately for the 4 Bayer pattern pixels. This is done either by the built-in automatic
exposure control circuit, or can be done manually by the external CPU via serial bus control.
The data are then processed by the color interpolation module so that each pixel will get a complete set of
RGB values. To correct or enhance color, automatic white balance circuit is built-in. The user may
perform white balancing and color correction manually by external CPU via serial bus too. Color
saturation control is programmable via serial bus, if user is not satisfied with the default settings
At the final stage, the gamma correction can also be performed, in addition to default value. The output
formats include 8/16-bit YUV or YCbCr, 24-bit, 16-bit RGB, and 8-bit raw data which can be fed to other
DSP, color processing, or compression chips.


Similar Part No. - ICM-202BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-205BSA ETC1-ICM-205BSA Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
logo
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20608-G TDK-ICM-20608-G Datasheet
719Kb / 35P
   MotionTracking Device
More results

Similar Description - ICM-202BSA

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS6167 PIXART-PAS6167 Datasheet
439Kb / 19P
   CMOS QCIF DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
ICM205B ETC1-ICM205B Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
   CIF Color CMOS Sensor with USB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com