Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1571D Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1571D
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1571D Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1571D Datasheet HTML 1Page - ON Semiconductor NCP1571D Datasheet HTML 2Page - ON Semiconductor NCP1571D Datasheet HTML 3Page - ON Semiconductor NCP1571D Datasheet HTML 4Page - ON Semiconductor NCP1571D Datasheet HTML 5Page - ON Semiconductor NCP1571D Datasheet HTML 6Page - ON Semiconductor NCP1571D Datasheet HTML 7Page - ON Semiconductor NCP1571D Datasheet HTML 8Page - ON Semiconductor NCP1571D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP1571
http://onsemi.com
2
Figure 1. Applications Circuit
GND
VFB
GATE(L)
GATE(H)
VCC
PWRGD
PGDELAY
COMP
NCP1571
C13
0.1
mF
C12
0.01
mF
R1
50 k
12 V
VLOGIC
5.0 V
NTD4302
NTD4302
2.7
mH
3.3 k
+
+
33
mF/8.0 V/1.6 Arms
56
mF/4.0 V/1.6 Arms
SP−CAP 40 m
W
GND
Q1
Q2
+
+
C3
C2
C1
+
+
+
GND
2.5 V/10 A
C8
C9
C10
C11
5.1 k
R3
R5
L1
100 pF
C6
C4
0.47
mF
PWRGD
10
R4
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature
150
°C
Storage Temperature Range
−65 to 150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Lead Temperature Soldering:
Reflow: (Note 1)
230 peak
°C
Moisture Sensitivity Level
2
Package Thermal Resistance, SOIC−8
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
48
165
°C/W
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
15 V
−0.5 V
N/A
1.5 A Peak
450 mA DC
Compensation Capacitor
COMP
6.0 V
−0.5 V
10 mA
10 mA
Voltage Feedback Input
VFB
6.0 V
−0.5 V
1.0 mA
1.0 mA
Power Good Output
PWRGD
15 V
−0.5 V
1.0 mA
20 mA
Power Good Delay
PGDELAY
6.0 V
−0.5 V
1.0 mA
10 mA
High−Side FET Driver
GATE(H)
15 V
−0.5 V
−2.0 V for 50 ns
1.5 A Peak
200 mA DC
1.5 A Peak
200 mA DC
Low−Side FET Driver
GATE(L)
15 V
−0.5 V
−2.0 V for 50 ns
1.5 A Peak
200 mA DC
1.5 A Peak
200 mA DC
Ground
GND
0.5 V
−0.5 V
1.5 A Peak
450 mA DC
N/A


Similar Part No. - NCP1571D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1570D ONSEMI-NCP1570D Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1570DR2 ONSEMI-NCP1570DR2 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1573 ONSEMI-NCP1573 Datasheet
382Kb / 17P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1573D ONSEMI-NCP1573D Datasheet
382Kb / 17P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
More results

Similar Description - NCP1571D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com