Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8502 Datasheet(PDF) 2 Page - Analog Devices

Part # ADD8502
Description  Integrated LCD Grayscale Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8502 Datasheet(HTML) 2 Page - Analog Devices

  ADD8502 Datasheet HTML 1Page - Analog Devices ADD8502 Datasheet HTML 2Page - Analog Devices ADD8502 Datasheet HTML 3Page - Analog Devices ADD8502 Datasheet HTML 4Page - Analog Devices ADD8502 Datasheet HTML 5Page - Analog Devices ADD8502 Datasheet HTML 6Page - Analog Devices ADD8502 Datasheet HTML 7Page - Analog Devices ADD8502 Datasheet HTML 8Page - Analog Devices ADD8502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
ADD8502–SPECIFICATIONS
RL
100
CL
16nF
VCOM
Figure 1. Slew Rate Diagram
(@ VDD = 5.0 V,
40 C
T
A
85 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SYSTEM ACCURACY
VOUT Error
320
mV
Swing Error
1
(VPn – VNn) – (VPi – VNi)1
17
mV
Mean Error
2
(VPn+ VNn)/2 – (VPi + VNi)/2)
3
21
mV
Mean Error between Adjacent Channels
3
321
mV
Mean Error between V0 and V4
4
325
mV
DAC ACCURACY
Resolution
10
Bits
Differential Nonlinearity
DNL
±0.25
LSB
Integral Nonlinearity
5
INL
±0.5
LSB
Offset Error
±0.4
% of FSR
Gain Error
±0.15
% of FSR
OUTPUT CHARACTERISTICS
Output Current
IOUT
(VDD – 1 V)
25
mA
Short Circuit Current
ISC
Short to Ground
60
mA
Output Leakage Current in High-Z Mode
ILEAKAGE
High-Z Mode
0.01
1.0
µA
Slew Rate
SR
RL = 100 k
1.25
V/
µs
Settling Time to 1%
tS
V0 to V4 Step Size
8
12
µs
Slew Rate
5
SR
LD =100
Ω Series 16 nF
0.7
V/
µs
Settling Time to 1%5
tS
V0 to V4 Step Size
8
12
µs
Phase Margin
φo67
Degrees
VCOM SWITCHES ACTIVE IMPEDANCE
COM to VDD
Z
See Table IV
25
50
COM to GND
Z
25
50
COM to COM_M
Z
I = 20 mA
25
50
COM to V4
Z
25
50
MASK PROGRAMMABLE
RESISTOR CHAIN
Resistor Matching
RMATCH
Any Two Segments between
1
%
512 Resistor String
POWER SUPPLY
Supply Voltage
VDD
4.5
5
5.5
V
Supply Current
ISY
VDD = 5 V; No Load
190
270
400
µA
Shutdown Supply Current
ISY-GLB
Full Shutdown Mode
0.2
1
µA
Sleep Supply Current
ISY-GS1-3
Mid 3 Buffers Shutdown
140
175
210
µA
Shutdown Recovery Time
Global PD to 1%
23
30
µs
Sleep Recovery Time
V1–V3 Off to 1%
10
15
µs
LOGIC SUPPLY
Logic Input Voltage Level
VL
2.3
3.3
5.5
V
Logic Input Current
IVL
0.01
1
µA
DIGITAL I/O
Digital Input High Voltage
VIH
VL
0.7
V
Digital Input Low Voltage
VIL
VL
0.3
V
Digital Input Current
IIN
GND
≤ V
IN
≤ 5.5 V
±1
µA
Digital Input Capacitance
CIN
10
pF
NOTES
1Swing error is a comparison of measured V
OUT step versus theoretical VOUT step. Theoretical values can be found on the Mask Tap Point Option sheet.
2Mean error is measured V
OUT mean versus theoretical VOUT mean (see Figure 3).
3Mean errors between two adjacent channels versus theoretical (see Figure 3).
4Mean errors between V0 and V4 versus theoretical (see Figure 3).
5Slew rate and settling time are measured between the output resistor and the capacitor (see Figure 1) .
Specifications subject to change without notice.


Similar Part No. - ADD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8502 AD-ADD8502_15 Datasheet
1Mb / 16P
   Integrated LCD Grayscale Generator
REV. 0
More results

Similar Description - ADD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8502 AD-ADD8502_15 Datasheet
1Mb / 16P
   Integrated LCD Grayscale Generator
REV. 0
logo
Hitachi Semiconductor
HD66750 HITACHI-HD66750 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
logo
Sony Corporation
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
CXD2442Q SONY-CXD2442Q Datasheet
9Mb / 70P
   Timing Generator for LCD Panels
CXD2453Q SONY-CXD2453Q Datasheet
997Kb / 21P
   Timing Generator for LCD Panels
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
   Timing Generator for LCD Panels
logo
Sanyo Semicon Device
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
   LCD DRIVER with CHARACTER GENERATOR
logo
Sony Corporation
CXD2436Q SONY-CXD2436Q Datasheet
2Mb / 34P
   Timing Generator for LCD Panels
CXD2443Q SONY-CXD2443Q Datasheet
8Mb / 57P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com