Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8506WRUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADD8506WRUZ
Description  6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8506WRUZ Datasheet(HTML) 7 Page - Analog Devices

  ADD8506WRUZ Datasheet HTML 1Page - Analog Devices ADD8506WRUZ Datasheet HTML 2Page - Analog Devices ADD8506WRUZ Datasheet HTML 3Page - Analog Devices ADD8506WRUZ Datasheet HTML 4Page - Analog Devices ADD8506WRUZ Datasheet HTML 5Page - Analog Devices ADD8506WRUZ Datasheet HTML 6Page - Analog Devices ADD8506WRUZ Datasheet HTML 7Page - Analog Devices ADD8506WRUZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADD8506
Rev. 0 | Page 7 of 8
OUTLINE DIMENSIONS
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 8. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Temperature
Range
Package
Option
Ordering
Quantity
Model
Package Description
ADD8506WRUZ
−40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP], Tube
RU-24
96
1
ADD8506WRUZ-REEL7
−40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 7” Reel
RU-24
1,000
1
ADD8506WRUZ-REEL
−40°C to +105°C
24-Lead Thin Shrink Small Outline Package [TSSOP], 13” Reel
RU-24
2,500
1
1 Z = Pb-free part.


Similar Part No. - ADD8506WRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8506WRUZ AD-ADD8506WRUZ Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506WRUZ AD-ADD8506WRUZ Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
More results

Similar Description - ADD8506WRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8504 AD-ADD8504 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Analog Devices
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com