Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC79L00 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC79L00
Description  100 mA Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L00 Datasheet(HTML) 2 Page - ON Semiconductor

  MC79L00 Datasheet HTML 1Page - ON Semiconductor MC79L00 Datasheet HTML 2Page - ON Semiconductor MC79L00 Datasheet HTML 3Page - ON Semiconductor MC79L00 Datasheet HTML 4Page - ON Semiconductor MC79L00 Datasheet HTML 5Page - ON Semiconductor MC79L00 Datasheet HTML 6Page - ON Semiconductor MC79L00 Datasheet HTML 7Page - ON Semiconductor MC79L00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC79L00, MC79L00A Series
http://onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (–5 V)
Input Voltage (–12, –15, –18 V)
Input Voltage (–24 V)
VI
–30
–35
–40
Vdc
Storage Temperature Range
Tstg
–65 to +150
°C
Junction Temperature
TJ
+150
°C
ELECTRICAL CHARACTERISTICS (VI = –10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L05C, AB
MC79L05AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–4.6
–5.0
–5.4
–4.8
–5.0
–5.2
Vdc
Input Regulation (TJ = +25°C)
–7.0 Vdc
≥ VI ≥ –20 Vdc
–8.0 Vdc
≥ VI ≥ –20 Vdc
Regline
200
150
150
100
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
60
30
60
30
mV
Output Voltage
–7.0 Vdc
≥ VI ≥ –20 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –10 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–4.5
–4.5
–5.5
–5.5
–4.75
–4.75
–5.25
–5.25
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.0
5.5
6.0
5.5
mA
Input Bias Current Change
–8.0 Vdc
≥ VI ≥ –20 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
40
µV
Ripple Rejection
(–8.0
≥ VI ≥ –18 Vdc, f = 120 Hz, TJ = +25°C)
RR
40
49
41
49
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI–VO|
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = –19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAC),
0
°C < TJ < +125°C (for MC79LXXAB)).
MC79L12C, AB
MC79L12AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–11.1
–12
–12.9
–11.5
–12
–12.5
Vdc
Input Regulation
(TJ = +25°C)
–14.5 Vdc
≥ VI ≥ –27 Vdc
–16 Vdc
≥ VI ≥ –27 Vdc
Regline
250
200
250
200
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
100
50
100
50
mV
Output Voltage
–14.5 Vdc
≥ VI ≥ –27 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –19 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–10.8
–10.8
–13.2
–13.2
–11.4
–11.4
–12.6
–12.6
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–16 Vdc
≥ VI ≥ –27 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.2
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
80
µV
Ripple Rejection
(–15
≤ VI ≤ –25 Vdc, f = 120 Hz, TJ = +25°C)
RR
36
42
37
42
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI–VO|
1.7
1.7
Vdc


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA278RXXC 2A Output Low Dropout Voltage Regulators 1  2  3  4  5  More Fairchild Semiconductor
3EZ4.3D5 3 Watt DO−41 Surmetic 30 Zener Voltage Regulators 1  2  3  4  5  More ON Semiconductor
NCP662 100 mA CMOS Low Iq Low-Dropout Voltage Regulator 1  2  3  4  5  More ON Semiconductor
GM7130 3A STEP-DOWN VOLTAGE REGULATORS 1  2  3  4  5  More List of Unclassifed Manufacturers
TPS75515 FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS 1  2  3  4  5  More Texas Instruments
LM79LXX 100mA Negative Voltage Regulator 1  2  3  4  List of Unclassifed Manufacturers
LTI202N 200 V - 1 000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time 1  2  Voltage Multipliers Inc.
TCA900 MOTOR SPEED REGULATORS 1  2  3  4  List of Unclassifed Manufacturers
TC7MA157FK Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1  2  3  4  5  More Toshiba Semiconductor
MMT08B350T3 Thyristor Surge Protectors High Voltage Bidirectional TSPD 1  2  3  4  5  ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn