Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79L12AC Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC79L12AC
Description  100 mA Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L12AC Datasheet(HTML) 1 Page - ON Semiconductor

  MC79L12AC Datasheet HTML 1Page - ON Semiconductor MC79L12AC Datasheet HTML 2Page - ON Semiconductor MC79L12AC Datasheet HTML 3Page - ON Semiconductor MC79L12AC Datasheet HTML 4Page - ON Semiconductor MC79L12AC Datasheet HTML 5Page - ON Semiconductor MC79L12AC Datasheet HTML 6Page - ON Semiconductor MC79L12AC Datasheet HTML 7Page - ON Semiconductor MC79L12AC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100 mA Negative Voltage
Regulators
The MC79L00, A Series negative voltage regulators are
inexpensive, easy–to–use devices suitable for numerous applications
requiring up to100 mA. Like the higher powered MC7900 Series
negative regulators, this series features thermal shutdown and current
limiting, making them remarkably rugged. In most applications, no
external components are required for operation.
The MC79L00 devices are useful for on–card regulation or any
other application where a regulated negative voltage at a modest
current level is needed. These regulators offer substantial advantage
over the common resistor/zener diode approach.
No External Components Required
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
Low Cost
Complementary Positive Regulators Offered (MC78L00 Series)
Available in Either ±5% (AC) or ±10% (C) Selections
Representative Schematic Diagram
*Automotive temperature range selections are available with special test conditions
and additional tests in 5, 12 and 15 V devices. Contact your local ON Semiconductor
sales office for information.
R1
R2
Z1
R3
R
5
R18
Q1
R6
Q4
R7
R4
R8
Q5
Q10
Q8
R9
Q14
Q9
C
Q6
R10 R11
Q7
Q2
Q11
R14
R15
Q13
Q12
R16
R17
Gnd
Output
Input
ON Semiconductort
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 4
1
Publication Order Number:
MC79L00/D
MC79L00,
MC79L00A Series
THREE–TERMINAL LOW
CURRENT NEGATIVE FIXED
VOLTAGE REGULATORS
ORDERING INFORMATION
P SUFFIX
PLASTIC PACKAGE
CASE 29
Pin 1. Ground
2. Input
3. Output
3
1
2
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SOP–8)*
1
8
Pin 1. Vout
2. Vin
3. Vin
4. NC
5. GND
6. Vin
7. Vin
8. NC
*SOP–8 is an internally modified SO–8 package.
Pins 2, 3, 6, and 7 are electrically common to the
die attach flag. This internal lead frame modifica-
tion decreases package thermal resistance and
increases power dissipation capability when
appropriately mounted on a printed circuit board.
SOP–8 conforms to all external dimensions of the
standard SO–8 package.
Device No.
±10%
MC79L05C
MC79L12C
MC79L15C
MC79L18C
MC79L24C
Device No.
5%
Nominal
Voltage
MC79L05AC
MC79L12AC
MC79L15AC
MC79L18AC
MC79L24AC
–5.0
–12
–15
–18
–24
Device
Operating
Temperature Range
Package
MC79LXXACD*
TJ = 0° to +125°C
SOP–8
Plastic Power
MC79LXXACP
Plastic Power
MC79LXXCP
MC79LXXABD*
MC79LXXABP*
SOP–8
Plastic Power
TJ = –40° to +125°C
XX indicates nominal voltage
SEMICONDUCTOR
TECHNICAL DATA


Similar Part No. - MC79L12AC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79L12ACD MOTOROLA-MC79L12ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
Texas Instruments
MC79L12ACD TI-MC79L12ACD Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
ON Semiconductor
MC79L12ACD ONSEMI-MC79L12ACD Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Texas Instruments
MC79L12ACD TI-MC79L12ACD Datasheet
409Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
MC79L12ACD TI1-MC79L12ACD Datasheet
528Kb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Similar Description - MC79L12AC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com