Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SGR944Q7 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SGR944Q7
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SGR944Q7 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8SGR944Q7 Datasheet HTML 1Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 2Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 3Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 4Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 5Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 6Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 7Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 8Page - National Semiconductor (TI) COP8SGR944Q7 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
COP8SG Family
8-Bit CMOS ROM Based and OTP Microcontrollers with
8k to 32k Memory, Two Comparators and USART
General Description
The COP8SG Family ROM and OTP based microcontrollers
are highly integrated COP8Feature core devices with 8k
to 32k memory and advanced features including Analog
comparators, and zero external components. These single-
chip CMOS devices are suited for more complex applica-
tions requiring a full featured controller with larger memory,
low EMI, two comparators, and a full-duplex USART.
COP8SGx7 devices are 100% form-fit-function compatible
OTP (One Time Programmable) versions for use in produc-
tion or development of the COP8SGx5 ROM.
Erasable windowed versions (Q3) are available for use with
a range of COP8 software and hardware development tools.
Family features include an 8-bit memory mapped architec-
ture, 15 MHz CKI with 0.67 µs instruction cycle, 14 inter-
rupts, three multi-function 16-bit timer/counters with PWM,
full duplex USART, MICROWIRE/PLUS, two analog com-
parators, two power saving HALT/IDLE modes, MIWU, idle
timer, on-chip R/C oscillator, high current outputs, user se-
lectable options (WATCHDOG, 4 clock/oscillator modes,
power-on-reset), 2.7V to 5.5V operation, program code se-
curity, and 28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory (bytes)
RAM
(bytes)
I/O Pins
Packages
Temperature
COP8SGE5
8k ROM
256
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGG5
16k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGH5
20k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGK5
24k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGR5
32k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGE7
8k OTP EPROM
256
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGR7
32k OTP EPROM
512
24/36/40
28 DIP/SOIC, 40 DIP,
44 PLCC/QFP/CSP
-40 to +85˚C,
-40 to +125˚C
COP8SGR7-Q3
32k EPROM
512
24/36/40
28 DIP, 40 DIP, 44 PLCC
Room Temp.
Key Features
n
Low cost 8-bit microcontroller
n
Quiet Design (low radiated emissions)
n
Multi-Input Wakeup pins with optional interrupts (8 pins)
n
Mask selectable clock options
— Crystal oscillator
— Crystal oscillator option with on-chip bias resistor
— External oscillator
— Internal R/C oscillator
n
Internal Power-On-Reset — user selectable
n
WATCHDOG and Clock Monitor Logic — user selectable
n
Eight high current outputs
n
256 or 512 bytes on-board RAM
n
8k to 32k ROM or OTP EPROM with security feature
CPU Features
n
Versatile easy to use instruction set
n
0.67 µs instruction cycle time
n
Fourteen multi-source vectored interrupts servicing
— External interrupt / Timers T0 — T3
— MICROWIRE/PLUS Serial Interface
— Multi-Input Wake Up
— Software Trap
— USART (2; 1 receive and 1 transmit)
— Default VIS (default interrupt)
n
8-bit Stack Pointer SP (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
n
True bit manipulation
n
BCD arithmetic instructions
Peripheral Features
n
Multi-Input Wakeup Logic
n
Three 16-bit timers (T1 — T3), each with two 16-bit
registers supporting:
— Processor Independent PWM mode
— External Event Counter mode
— Input Capture mode
COP8is a trademark of National Semiconductor Corporation.
October 2001
© 2001 National Semiconductor Corporation
DS101317
www.national.com


Similar Part No. - COP8SGR944Q7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGR5 NSC-COP8SGR5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR5 NSC-COP8SGR5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGR5 TI1-COP8SGR5 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
National Semiconductor ...
COP8SGR540Q3 NSC-COP8SGR540Q3 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR5740Q3 NSC-COP8SGR5740Q3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGR944Q7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com