Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040S4721 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67040S4721
Description  LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040S4721 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67040S4721 Datasheet HTML 5Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 6Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 7Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 8Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 9Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 10Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 11Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 12Page - Infineon Technologies AG Q67040S4721 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
IGP50N60T, IGB50N60T
TrenchStop Series
IGW50N60T
Power Semiconductors
10
Rev. 2.2 Dec-04
Dimensions
symbol
[mm]
[inch]
min
max
min
max
A
9.70
10.30
0.3819
0.4055
B
14.88
15.95
0.5858
0.6280
C
0.65
0.86
0.0256
0.0339
D
3.55
3.7
0.1398
0.1457
E
2.60
3.00
0.1024
0.1181
F
6.00
6.80
0.2362
0.2677
G
13.00
14.00
0.5118
0.5512
H
4.35
4.75
0.1713
0.1870
K
0.38
0.65
0.0150
0.0256
L
0.95
1.32
0.0374
0.0520
M
2.54 typ.
0.1 typ.
N
4.30
4.50
0.1693
0.1772
P
1.17
1.40
0.0461
0.0551
T
2.30
2.72
0.0906
0.1071
TO-220AB
dimensions
symbol
[mm]
[inch]
min
max
min
max
A
9.80
10.20
0.3858
0.4016
B
0.70
1.30
0.0276
0.0512
C
1.00
1.60
0.0394
0.0630
D
1.03
1.07
0.0406
0.0421
E
2.54 typ.
0.1 typ.
F
0.65
0.85
0.0256
0.0335
G
5.08 typ.
0.2 typ.
H
4.30
4.50
0.1693
0.1772
K
1.17
1.37
0.0461
0.0539
L
9.05
9.45
0.3563
0.3720
M
2.30
2.50
0.0906
0.0984
N
15 typ.
0.5906 typ.
P
0.00
0.20
0.0000
0.0079
Q
4.20
5.20
0.1654
0.2047
R
8° max
8° max
S
2.40
3.00
0.0945
0.1181
T
0.40
0.60
0.0157
0.0236
U
10.80
0.4252
V
1.15
0.0453
W
6.23
0.2453
X
4.60
0.1811
Y
9.40
0.3701
TO-263AB (D2Pak)
Z
16.15
0.6358


Similar Part No. - Q67040S4721

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040S4722 INFINEON-Q67040S4722 Datasheet
378Kb / 12P
   LOW LOSS IGBT IN TRENCH AND FILEDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
Q67040S4724 INFINEON-Q67040S4724 Datasheet
378Kb / 12P
   LOW LOSS IGBT IN TRENCH AND FILEDSTOP TECHNOLOGY
Rev. 2.2 Dec-04
Q67040S4726 INFINEON-Q67040S4726 Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
More results

Similar Description - Q67040S4721

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW60T120 INFINEON-IGW60T120 Datasheet
416Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW15T120 INFINEON-IGW15T120 Datasheet
408Kb / 12P
   Low Loss IGBT in Trench and Fieldstop Technology
Rev. 1 Jul-02
IGW25T120 INFINEON-IGW25T120 Datasheet
412Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW40T120 INFINEON-IGW40T120 Datasheet
419Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
logo
List of Unclassifed Man...
IGW08T120 ETC-IGW08T120 Datasheet
302Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
logo
Infineon Technologies A...
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com