Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H181P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H181P
Description  4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H181P Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H181P Datasheet HTML 1Page - ON Semiconductor MC10H181P Datasheet HTML 2Page - ON Semiconductor MC10H181P Datasheet HTML 3Page - ON Semiconductor MC10H181P Datasheet HTML 4Page - ON Semiconductor MC10H181P Datasheet HTML 5Page - ON Semiconductor MC10H181P Datasheet HTML 6Page - ON Semiconductor MC10H181P Datasheet HTML 7Page - ON Semiconductor MC10H181P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 7
1
Publication Order Number:
MC10H181/D
MC10H181
4-Bit Arithmetic Logic Unit/
Function Generator
The MC10H181 is a high–speed arithmetic logic unit capable of
performing 16 logic operations and 16 arithmetic operations on two
four–bit words. Full internal carry is incorporated for ripple through
operation.
Arithmetic logic operations are selected by applying the appropriate
binary word to the select inputs (S0 through S3) as indicated in the
tables of arithmetic/logic functions. Group carry propagate (PG) and
carry generate (GG) are provided to allow fast operations on very long
words using a second order look–ahead. The internal carry is enabled
by applying a low level voltage to the mode control input (M).
When used with the MC10H179, full–carry look–ahead, as a second
order look–ahead block, the MC10H181 provides high–speed
arithmetic operations on very long words.
This 10H part is a functional/pinout duplication of the standard
MECL 10K family part with 100% improvement in propagation delay
and no increase in power supply current.
Improved Noise Margin, 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K – Compatible
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10H181L
CDIP–24
15 Units/Rail
MC10H181P
PDIP–24
15 Units/Rail
MC10H181FN
PLCC–28
37 Units/Rail
MARKING
DIAGRAMS
1
24
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–24
L SUFFIX
CASE 758
MC10H181L
AWLYYWW
PDIP–24
P SUFFIX
CASE 724
PLCC–28
FN SUFFIX
CASE 776
10H181
AWLYYWW
1
1
24
MC10H181P
AWLYYWW


Similar Part No. - MC10H181P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H181P ONSEMI-MC10H181P Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
More results

Similar Description - MC10H181P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com