Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR25100CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR25100CT
Description  25 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR25100CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR25100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR25100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 155 -
RATINGS AND CHARACTERISTIC CURVES (MBR25100CT)
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
25
20
15
10
5
0
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
10
100
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0
1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
0.1
0.01
1
10
40
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
Tj=150 C
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10.0
1
100
T, PULSE DURATION. (sec)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
260
230
200
170
140
110
80


Similar Part No. - MBR25100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR25100CT TSC-MBR25100CT Datasheet
101Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
MBR25100CT YANGJIE-MBR25100CT Datasheet
145Kb / 2P
   SCHOTTKY Diodes
logo
Taiwan Semiconductor Co...
MBR25100CT TSC-MBR25100CT Datasheet
361Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR25100CT HORNBY-MBR25100CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
MBR25100CT BILIN-MBR25100CT Datasheet
347Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR25100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2535CT TSC-MBRS2535CT_1 Datasheet
313Kb / 2P
   25 AMPS. Surface Mount Schottky Barrier Rectifiers
MBR1035CT TSC-MBR1035CT_10 Datasheet
613Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
MBRS1035CT TSC-MBRS1035CT Datasheet
109Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT Datasheet
99Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT_1 Datasheet
169Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
MBR4035PT TSC-MBR4035PT Datasheet
113Kb / 2P
   40.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com