Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD52DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD52DR
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD52DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD52DR Datasheet HTML 5Page - Texas Instruments SN65HVD52DR Datasheet HTML 6Page - Texas Instruments SN65HVD52DR Datasheet HTML 7Page - Texas Instruments SN65HVD52DR Datasheet HTML 8Page - Texas Instruments SN65HVD52DR Datasheet HTML 9Page - Texas Instruments SN65HVD52DR Datasheet HTML 10Page - Texas Instruments SN65HVD52DR Datasheet HTML 11Page - Texas Instruments SN65HVD52DR Datasheet HTML 12Page - Texas Instruments SN65HVD52DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
THERMAL CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
60
Ω ±1%
VOD
0 or 3 V
_
+
−7 V < V(test) < 12 V
DE
VCC
Y
Z
D
375
Ω ±1%
375
Ω ±1%
IY
VOD
R
L
0 or 3 V
VY
VZ
IZ
DE
VCC
II
VI
Y
Z
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
over operating free-air temperature range unless otherwise noted(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K board(3), No airflow
HVD50, HVD51, HVD52, HVD56, HVD57
230.8
Junction–to–ambient
thermal resistance(2)
HVD53, HVD54, HVD55, HVD58, HVD59
162.6
θ
JA
High-K board(4), No airflow
HVD50, HVD51, HVD52, HVD56, HVD57
135.1
Junction–to–ambient
thermal resistance(2)
HVD53, HVD54, HVD55, HVD58, HVD59
92.1
°C/W
HVD50, HVD51, HVD52, HVD56, HVD57
44.4
Junction–to–board
θ
JB
High-K board
thermal resistance
HVD53, HVD54, HVD55, HVD58, HVD59
61.1
HVD50, HVD51, HVD52, HVD56, HVD57
43.5
Junction–to–case
θ
JC
No board
thermal resistance
HVD53, HVD54, HVD55, HVD58, HVD59
58.6
RL= 60Ω, CL = 50 pF,
HVD50, HVD56 (25Mbps)
420
Input to D a 50% duty cycle
HVD51, HVD57 (10Mbps)
404
square wave at indicated
HVD52 (1Mbps)
383
signaling rate
Device power
PD
mW
RL= 60Ω, CL = 50 pF,
HVD53, HVD58 (25Mbps)
420
dissipation
DE at VCCRE at 0 V,
HVD54, HVD59 (10Mbps)
404
Input to D a 50% duty cycle
HVD55 (1Mbps)
383
square wave at indicated
signaling rate
Low-K board, No airflow
HVD50, HVD56
–40
55
HVD51, HVD52, HVD57
–40
84
Ambient air
TA
HVD53, HVD54, HVD55, HVD58, HVD59
–40
85
temperature
°C
High-K board, No airflow
HVD50, HVD51, HVD52, HVD56, HVD57
–40
85
HVD53, HVD54, HVD55, HVD58, HVD59
–40
85
TJSD
Thermal shutdown junction temperature
165
(1)
See Application Information section for an explanation of these parameters.
(2)
The intent of
θ
JA specification is solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment.
(3)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(4)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
Figure 1. Driver VOD Test Circuit: Voltage and Current
Figure 2. Driver VOD With Common-Mode Loading Test
Definitions
Circuit
9


Similar Part No. - SN65HVD52DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD52DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com