Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD56DR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65HVD56DR
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD56DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD56DR Datasheet HTML 6Page - Texas Instruments SN65HVD56DR Datasheet HTML 7Page - Texas Instruments SN65HVD56DR Datasheet HTML 8Page - Texas Instruments SN65HVD56DR Datasheet HTML 9Page - Texas Instruments SN65HVD56DR Datasheet HTML 10Page - Texas Instruments SN65HVD56DR Datasheet HTML 11Page - Texas Instruments SN65HVD56DR Datasheet HTML 12Page - Texas Instruments SN65HVD56DR Datasheet HTML 13Page - Texas Instruments SN65HVD56DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
VOD(RING)
VOD(RING)
-VOD(SS)
VOD(SS)
0 V Differential
VOC
27
Ω ± 1%
Input
Y
Z
VY
VZ
VOC(PP)
∆VOC(SS)
VOC
27
Ω ± 1%
CL = 50 pF ±20%
D
Y
Z
DE
VCC
Input: PRR = 500 kHz, 50% Duty Cycle,t r<6ns, tf<6ns, ZO = 50 Ω
CL Includes Fixture and
Instrumentation Capacitance
Y
Z
W
W
W
»
»
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
PARAMETER MEASUREMENT INFORMATION (continued)
VOD(RING) is measured at four points on the output waveform, corresponding to overshoot and undershoot from
theVOD(H) and VOD(L) steady state values.
Figure 3. VOD(RING) Waveform and Definitions
Figure 4. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 5. Driver Switching Test Circuit and Voltage Waveforms
10


Similar Part No. - SN65HVD56DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD56DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com