Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD59DG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65HVD59DG4
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD59DG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD59DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD59DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
HVD50, HVD53, HVD56, HVD58
4
8
12
Propagation delay time,
tPLH
HVD51, HVD54, HVD57, HVD59
20
29
46
ns
low-to-high-level output
HVD52, HVD55
90
143
230
HVD50, HVD53, HVD56, HVD58
4
8
12
Propagation delay time,
tPHL
HVD51, HVD54, HVD57, HVD59
20
30
46
ns
high-to-low-level output
HVD52, HVD55
90
143
230
HVD50, HVD53, HVD56, HVD58
3
6
12
Differential output signal
tr
HVD51, HVD54, HVD57, HVD59
25
34
60
ns
rise time
HVD52, HVD55
130
197
300
RL = 54 Ω, CL = 50 pF,
See Figure 5
HVD50, HVD53, HVD56, HVD58
3
6
11
Differential output signal fall
tf
HVD51, HVD54, HVD57, HVD59
25
33
60
ns
time
HVD52, HVD55
130
192
300
HVD50, HVD53, HVD56, HVD58
2
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD51, HVD54, HVD57, HVD59
2
ns
HVD52, HVD55
8
HVD50, HVD53, HVD56, HVD58
1
tsk(pp)(2) Part-to-part skew
HVD51, HVD54, HVD57, HVD59
4
ns
HVD52, HVD55
22
HVD53, HVD58
30
Propagation delay time,
tPZH1
high-impedance-to-high-
HVD54, HVD59
180
ns
RL = 110 Ω, RE at 0 V,
level output
HVD55
380
See Figure 6
D = 3 V and S1 = Y,
HVD53, HVD58
16
Propagation delay time,
D = 0 V and S1 = Z
tPHZ
high-level-to-high-
HVD54, HVD59
40
ns
impedance output
HVD55
110
HVD53, HVD58
23
Propagation delay time,
tPZL1
high-impedance-to-low-level HVD54, HVD59
200
ns
RL = 110 Ω, RE at 0 V,
output
HVD55
420
See Figure 7
D = 3 V and S1 = Z,
HVD53, HVD58
19
Propagation delay time,
D = 0 V and S1 = Y
tPLZ
low-level-to-high-impedance HVD54, HVD59
70
ns
output
HVD55
160
RL = 110 Ω, RE at 3 V,
See Figure 6
tPZH2
Propagation delay time, standby-to-high-level output
3300
ns
D = 3 V and S1 = Y,
D = 0 V and S1 = Z
RL = 110 Ω, RE at 3 V,
See Figure 7
tPZL2
Propagation delay time, standby-to-low-level output
3300
ns
D = 3 V and S1 = Z,
D = 0 V and S1 = Y
(1)
All typical values are at 25°C and with a 5-V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
5


Similar Part No. - SN65HVD59DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD59DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com