Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD50DRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65HVD50DRG4
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD50DRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD50DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 10Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 11Page - Texas Instruments SN65HVD50DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
RECEIVER EQUALIZATION CHARACTERISTICS
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
over recommended operating conditions unless otherwise noted(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
0 m
HVD56, HVD58
PREVIEW
ns
HVD53
PREVIEW
100 m
HVD56, HVD58
PREVIEW
25 Mbps
HVD53
PREVIEW
150 m
HVD56, HVD58
PREVIEW
HVD53
PREVIEW
200 m
HVD56, HVD58
PREVIEW
HVD53
PREVIEW
200 m
HVD56, HVD58
PREVIEW
Pseudo-random NRZ
HVD53
PREVIEW
Peak-to-peak
10 Mbps
250 m
code with a bit pattern
tj(pp) eye-pattern
HVD56, HVD58
PREVIEW
length o 216-1, Belden
jitter
HVD53
PREVIEW
3105A cable
300 m
HVD56, HVD58
PREVIEW
HVD54
PREVIEW
5 Mbps
500 m
HVD57, HVD59
PREVIEW
HVD53
PREVIEW
HVD54
PREVIEW
3 Mbps
500 m
HVD56, HVD58
PREVIEW
HVD57, HVD59
PREVIEW
HVD54
PREVIEW
1 Mbps
1000 m
HVD57, HVD59
PREVIEW
(1)
The HVD53 and HVD54 do not have receiver equalization but are specified for comparison.
(2)
All typical values are at VCC = 5 V, and temperature = 25°C.
8


Similar Part No. - SN65HVD50DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD50DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com