Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD51DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65HVD51DRG4
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD51DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD51DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 10Page - Texas Instruments SN65HVD51DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
HVD50, HVD53, HVD56, HVD58
24
40
Propagation delay time,
tPLH
HVD51, HVD52, HVD54, HVD55,
low-to-high-level output
43
55
HVD57, HVD59
HVD50, HVD53, HVD56, HVD58
26
35
Propagation delay time,
tPHL
HVD51, HVD52, HVD54, HVD55,
high-to-low-level output
47
60
HVD57, HVD59
VID = -1.5 V to 1.5 V,
HVD50, HVD53, HVD56, HVD57,
5
CL = 15 pF,
HVD58, HVD59
tsk(p)
Pulse skew (|tPHL - tPLH|)
See Figure 9
HVD51, HVD54, HVD52, HVD55
7
HVD50, HVD53, HVD56, HVD58
5
tsk(pp)(2)
Part-to-part skew
HVD51, HVD54, HVD57, HVD59
6
ns
HVD52, HVD55
6
tr
Output signal rise time
2.3
4
tf
Output signal fall time
2.4
4
tPHZ
Output disable time from high level
17
DE at 3 V, CL = 15 pF
See Figure 10
tPZH1
Output enable time to high level
10
DE at 0 V, CL = 15 pF
tPZH2
Propagation delay time, standby-to-high-level output
3300
See Figure 10
tPLZ
Output disable time from low level
13
DE at 3 V, CL = 15 pF
See Figure 11
tPZL1
Output enable time to low level
10
DE at 0 V, CL = 15 pF
tPZL2
Propagation delay time, standby-to-low-level output
3300
See Figure 11
(1)
All typical values are at 25°C and with a 5-V supply
(2)
.tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
7


Similar Part No. - SN65HVD51DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD51DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com