Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1008G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFF1008G
Description  Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF1008G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFF1008G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF1008G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 274 -
SFF1001G THRU SFF1008G
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
10.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: ITO-220AB molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds.16”,(4.06mm) from
case.
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFF
1001G
SFF
1002G
SFF
1003G
SFF
1004G
SFF
1005G
SFF
1006G
SFF
1007G
SFF
1008G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TC = 100
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
0.975
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
IR
10.0
400
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
70
50
pF
Typical Thermal Resistance (Note 3)
R
θJC
2.0
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-plate.
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
Positive CT
PIN 2


Similar Part No. - SFF1008G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1008G TSC-SFF1008G Datasheet
334Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1008G TSC-SFF1008G Datasheet
186Kb / 2P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
SFF1008G LUGUANG-SFF1008G Datasheet
253Kb / 2P
   Isolated10.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFF1008G TSC-SFF1008G Datasheet
427Kb / 3P
   10.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Thinki Semiconductor Co...
SFF1008G THINKISEMI-SFF1008G Datasheet
629Kb / 2P
   10.0 Ampere Isolated Dual Doubler Tandem Super Fast Rectifiers
More results

Similar Description - SFF1008G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1001G TSC-SFF1001G_1 Datasheet
334Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G Datasheet
87Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
List of Unclassifed Man...
SF1001G ETC1-SF1001G Datasheet
94Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFA1001G TSC-SFA1001G Datasheet
260Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1004G-Q1 TSC-SF1004G-Q1 Datasheet
96Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_1 Datasheet
346Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
GPF1001 TSC-GPF1001 Datasheet
110Kb / 2P
   Isolation 10.0 AMPS. Glass Passivated Rectifiers
SFAF1001G TSC-SFAF1001G_1 Datasheet
273Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_10 Datasheet
633Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com