Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR107S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFR107S
Description  1.0 AMP. Soft Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFR107S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFR107S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFR107S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 420 -
SFR101S THRU SFR107S
1.0 AMP. Soft Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead lengths
at 5 lbs.,(2.3kg) tension
Weight: 0.22 gram
A-405
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFR
101S
SFR
102S
SFR
103S
SFR
104S
SFR
105S
SFR
106S
SFR
107S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
120
200
350
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
100
O
C/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - SFR107S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SFR107S LUGUANG-SFR107S Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFR107S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFR101S TSC-SFR101S_1 Datasheet
241Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1_1 Datasheet
258Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR101 TSC-SFR101_1 Datasheet
248Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
   1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR101 LUGUANG-SFR101 Datasheet
200Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com