Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79L15ACD Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC79L15ACD
Description  100 mA Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L15ACD Datasheet(HTML) 2 Page - ON Semiconductor

  MC79L15ACD Datasheet HTML 1Page - ON Semiconductor MC79L15ACD Datasheet HTML 2Page - ON Semiconductor MC79L15ACD Datasheet HTML 3Page - ON Semiconductor MC79L15ACD Datasheet HTML 4Page - ON Semiconductor MC79L15ACD Datasheet HTML 5Page - ON Semiconductor MC79L15ACD Datasheet HTML 6Page - ON Semiconductor MC79L15ACD Datasheet HTML 7Page - ON Semiconductor MC79L15ACD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC79L00, MC79L00A Series
http://onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (–5 V)
Input Voltage (–12, –15, –18 V)
Input Voltage (–24 V)
VI
–30
–35
–40
Vdc
Storage Temperature Range
Tstg
–65 to +150
°C
Junction Temperature
TJ
+150
°C
ELECTRICAL CHARACTERISTICS (VI = –10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAB),
0
°C < TJ < +125°C (for MC79LXXAC)).
MC79L05C, AB
MC79L05AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–4.6
–5.0
–5.4
–4.8
–5.0
–5.2
Vdc
Input Regulation (TJ = +25°C)
–7.0 Vdc
≥ VI ≥ –20 Vdc
–8.0 Vdc
≥ VI ≥ –20 Vdc
Regline
200
150
150
100
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
60
30
60
30
mV
Output Voltage
–7.0 Vdc
≥ VI ≥ –20 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –10 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–4.5
–4.5
–5.5
–5.5
–4.75
–4.75
–5.25
–5.25
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.0
5.5
6.0
5.5
mA
Input Bias Current Change
–8.0 Vdc
≥ VI ≥ –20 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
40
µV
Ripple Rejection
(–8.0
≥ VI ≥ –18 Vdc, f = 120 Hz, TJ = +25°C)
RR
40
49
41
49
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI–VO|
1.7
1.7
Vdc
ELECTRICAL CHARACTERISTICS (VI = –19 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, –40°C < TJ +125°C (for MC79LXXAC),
0
°C < TJ < +125°C (for MC79LXXAB)).
MC79L12C, AB
MC79L12AC, AB
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–11.1
–12
–12.9
–11.5
–12
–12.5
Vdc
Input Regulation
(TJ = +25°C)
–14.5 Vdc
≥ VI ≥ –27 Vdc
–16 Vdc
≥ VI ≥ –27 Vdc
Regline
250
200
250
200
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
100
50
100
50
mV
Output Voltage
–14.5 Vdc
≥ VI ≥ –27 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –19 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–10.8
–10.8
–13.2
–13.2
–11.4
–11.4
–12.6
–12.6
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–16 Vdc
≥ VI ≥ –27 Vdc
1.0 mA
≤ IO ≤ 40 mA
IIB
1.5
0.2
1.5
0.2
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
80
80
µV
Ripple Rejection
(–15
≤ VI ≤ –25 Vdc, f = 120 Hz, TJ = +25°C)
RR
36
42
37
42
dB
Dropout Voltage (IO = 40 mA, TJ = +25°C)
|VI–VO|
1.7
1.7
Vdc


Similar Part No. - MC79L15ACD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79L15ACD MOTOROLA-MC79L15ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Texas Instruments
MC79L15ACD TI-MC79L15ACD Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L15ACD ONSEMI-MC79L15ACD Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Similar Description - MC79L15ACD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com