Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1718038 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1718038
Description  Plug - QC 1,5/ 9-ST
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1718038 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1718038 Datasheet HTML 1Page - PHOENIX CONTACT 1718038 Datasheet HTML 2Page - PHOENIX CONTACT 1718038 Datasheet HTML 3Page - PHOENIX CONTACT 1718038 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1718038
04.12.2012   Page 3 / 4
Plug - QC 1,5/ 9-ST - 1718038
Classifications
eCl@ss
eCl@ss 7.0
27440402
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / GOST / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
24-16
24-16
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
24-16
24-16
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
GOST 
cULus Recognized 
Drawings


Similar Part No. - 1718038

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1718032 PHOENIX-1718032 Datasheet
85Kb / 6P
   PCB terminal block - GSMKDSP 1,5/ 3
More results

Similar Description - 1718038

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1718012 PHOENIX-1718012 Datasheet
77Kb / 4P
   Plug - QC 1,5/ 7-ST
1718025 PHOENIX-1718025 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 8-ST
1718041 PHOENIX-1718041 Datasheet
79Kb / 4P
   Plug - QC 1,5/10-ST
1718054 PHOENIX-1718054 Datasheet
77Kb / 4P
   Plug - QC 1,5/11-ST
1718009 PHOENIX-1718009 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 6-ST
1717987 PHOENIX-1717987 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 4-ST
1718067 PHOENIX-1718067 Datasheet
79Kb / 4P
   Plug - QC 1,5/12-ST
1717990 PHOENIX-1717990 Datasheet
77Kb / 4P
   Plug - QC 1,5/ 5-ST
1718070 PHOENIX-1718070 Datasheet
80Kb / 4P
   Plug - QC 1,5/13-ST
1718096 PHOENIX-1718096 Datasheet
80Kb / 4P
   Plug - QC 1,5/15-ST
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz