Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1718038 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1718038
Description  Plug - QC 1,5/ 9-ST
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1718038 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1718038 Datasheet HTML 1Page - PHOENIX CONTACT 1718038 Datasheet HTML 2Page - PHOENIX CONTACT 1718038 Datasheet HTML 3Page - PHOENIX CONTACT 1718038 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1718038
04.12.2012   Page 1 / 4
Plug - QC 1,5/ 9-ST - 1718038
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V, Number of positions: 9, Pitch:
5 mm, Connection method: Insulation displacement connection QUICKON, Color: green, Contact
surface: Tin
The figure shows a 10-position
version of the product
Why buy this product
 Versions with and without screw flange
 This connection technology is suitable for cables with PVC and PE insulation.
 Plug-in direction parallel to the conductor axis
 Easy operation thanks to IDC connection
 
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 266 (CC-2011)
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
40 mm
Number of positions
9
Technical data
Range of articles
QC 1,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/2)
630 V


Similar Part No. - 1718038

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1718032 PHOENIX-1718032 Datasheet
85Kb / 6P
   PCB terminal block - GSMKDSP 1,5/ 3
More results

Similar Description - 1718038

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1718012 PHOENIX-1718012 Datasheet
77Kb / 4P
   Plug - QC 1,5/ 7-ST
1718025 PHOENIX-1718025 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 8-ST
1718041 PHOENIX-1718041 Datasheet
79Kb / 4P
   Plug - QC 1,5/10-ST
1718054 PHOENIX-1718054 Datasheet
77Kb / 4P
   Plug - QC 1,5/11-ST
1718009 PHOENIX-1718009 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 6-ST
1717987 PHOENIX-1717987 Datasheet
80Kb / 4P
   Plug - QC 1,5/ 4-ST
1718067 PHOENIX-1718067 Datasheet
79Kb / 4P
   Plug - QC 1,5/12-ST
1717990 PHOENIX-1717990 Datasheet
77Kb / 4P
   Plug - QC 1,5/ 5-ST
1718070 PHOENIX-1718070 Datasheet
80Kb / 4P
   Plug - QC 1,5/13-ST
1718096 PHOENIX-1718096 Datasheet
80Kb / 4P
   Plug - QC 1,5/15-ST
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz