Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF2050 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRF2050
Description  Isolation 20.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF2050 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRF2050 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF2050 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 183 -
RATINGS AND CHARACTERISTIC CURVES (SRF2020 THRU SRF2060)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25
C
0
Tj=75
C
0
FIG.1- FORWARD CURRENT DERATING CURVE
0
50
100
150
0
4.0
8.0
12.0
16.0
20.0
CASE TEMPERATURE. ( C)
o
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
1
2
5
10
20
100
50
0
50
200
150
100
250
300
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE WAVE
PER LEG. (JEDGE METHOD)
Tj=Tj max.
FIG.4- TYPICAL FORWARD CHARACTERISTICS
PER LEG
.2
.3
.4
.5
.6
.7
.8
.9
0.1
1.0
10
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1.0
0.4
4
10
40
80100
100
200
400
600
800
2000
1000
4000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
SRF2050-2060
SRF2020-2040


Similar Part No. - SRF2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF2050 TSC-SRF2050 Datasheet
203Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SRF2050 JINANJINGHENG-SRF2050 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF2050 TSC-SRF2050 Datasheet
190Kb / 2P
   20.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRF2050 LUGUANG-SRF2050 Datasheet
273Kb / 2P
   Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SRF2050 TSC-SRF2050 Datasheet
224Kb / 4P
   Dual Common Cathode Schottky Rectifier
More results

Similar Description - SRF2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2035CT TSC-MBRF2035CT_1 Datasheet
122Kb / 2P
   Isolation 20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_10 Datasheet
593Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com