Electronic Components Datasheet Search |
|
1718096 Datasheet(PDF) 2 Page - PHOENIX CONTACT |
|
1718096 Datasheet(HTML) 2 Page - PHOENIX CONTACT |
2 / 4 page https://www.phoenixcontact.com/us/produkte/1718096 04.12.2012 Page 2 / 4 Plug - QC 1,5/15-ST - 1718096 Technical data Technical data Rated voltage (II/2) 1000 V Connection in acc. with standard EN-VDE Nominal current IN 12 A Nominal voltage UN 500 V Nominal cross section 1.5 mm² Maximum load current 12 A Insulating material PA Inflammability class according to UL 94 V0 Nominal voltage, UL/CUL Use Group B 300 V Nominal current, UL/CUL Use Group B 10 A Nominal voltage, UL/CUL Use Group D 300 V Nominal current, UL/CUL Use Group D 10 A Connection data Conductor cross section solid min. 0.2 mm² Conductor cross section solid max. 1.5 mm² Conductor cross section stranded min. 0.2 mm² Conductor cross section stranded max. 1.5 mm² Conductor cross section AWG/kcmil min. 24 Conductor cross section AWG/kcmil max 16 Minimum AWG according to UL/CUL 24 Maximum AWG according to UL/CUL 16 Classifications ETIM ETIM 3.0 EC001121 ETIM 4.0 EC002638 ETIM 5.0 EC002638 UNSPSC UNSPSC 11 39121409 UNSPSC 12.01 39121409 UNSPSC 13.2 39121409 UNSPSC 6.01 30211810 UNSPSC 7.0901 39121409 eCl@ss eCl@ss 4.0 272607xx eCl@ss 4.1 27260701 eCl@ss 5.0 27260701 eCl@ss 5.1 27260701 eCl@ss 6.0 27260704 |
Similar Part No. - 1718096 |
|
Similar Description - 1718096 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |