Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9022-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022-Q1
Description  TLV902x-Q1 and TLV903x-Q1 Precision Dual and Quad Automotive Comparators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9022-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TLV9022-Q1 Datasheet HTML 1Page - Texas Instruments TLV9022-Q1 Datasheet HTML 2Page - Texas Instruments TLV9022-Q1 Datasheet HTML 3Page - Texas Instruments TLV9022-Q1 Datasheet HTML 4Page - Texas Instruments TLV9022-Q1 Datasheet HTML 5Page - Texas Instruments TLV9022-Q1 Datasheet HTML 6Page - Texas Instruments TLV9022-Q1 Datasheet HTML 7Page - Texas Instruments TLV9022-Q1 Datasheet HTML 8Page - Texas Instruments TLV9022-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
OUT1
8
VCC
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
GND
5
IN2+
Not to scale
Thermal
Pad
1
2
3
4
8
7
6
5
VCC
OUT2
IN2±
IN2+
OUT1
IN1±
IN1+
GND
3
TLV9022-Q1, TLV9032-Q1
www.ti.com
SNOSDA9 – JUNE 2020
Product Folder Links: TLV9022-Q1 TLV9032-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DGK, PW, DDF Packages
8-Pin SOIC, VSSOP, TSSOP, SOT-23-8
Top View
DSG Package
8-Pad WSON With Exposed Thermal Pad
Top View
NOTE: Connect exposed thermal pad
directly to GND pin.
Pin Functions: TLV90x2-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
OUT1
1
O
Output pin of the comparator 1
IN1–
2
I
Inverting input pin of comparator 1
IN1+
3
I
Noninverting input pin of comparator 1
V–
4
Negative (low) supply or ground (for single-supply operation)
IN2+
5
I
Noninverting input pin of comparator 2
IN2–
6
I
Inverting input pin of comparator 2
OUT2
7
O
Output pin of the comparator 2
V+
8
Positive supply


Similar Part No. - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
4Mb / 68P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9022-Q1 TI1-TLV9022-Q1 Datasheet
4Mb / 73P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
MARCH 2023
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results

Similar Description - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
TLV9022-Q1 TI-TLV9022-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
REVISED AUGUST 2021
TLV9022-Q1 TI-TLV9022-Q1_V03 Datasheet
2Mb / 47P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9022-Q1 TI-TLV9022-Q1_V04 Datasheet
2Mb / 50P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com