Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9022-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9022-Q1
Description  TLV902x-Q1 and TLV903x-Q1 Precision Dual and Quad Automotive Comparators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9022-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV9022-Q1 Datasheet HTML 1Page - Texas Instruments TLV9022-Q1 Datasheet HTML 2Page - Texas Instruments TLV9022-Q1 Datasheet HTML 3Page - Texas Instruments TLV9022-Q1 Datasheet HTML 4Page - Texas Instruments TLV9022-Q1 Datasheet HTML 5Page - Texas Instruments TLV9022-Q1 Datasheet HTML 6Page - Texas Instruments TLV9022-Q1 Datasheet HTML 7Page - Texas Instruments TLV9022-Q1 Datasheet HTML 8Page - Texas Instruments TLV9022-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TLV9022-Q1, TLV9032-Q1
www.ti.com
SNOSDA9 – JUNE 2020
Product Folder Links: TLV9022-Q1 TLV9032-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to (V–). Input signals that can swing more than 0.3 V beyond the supply rails must be current-limited
to 10 mA or less. Additionally, Inputs (IN+, IN–) can be greater than (V+) and OUT as long as it is within the –0.3 V to 6 V range
(3)
Output (OUT) for open drain can be greater than (V+) and inputs (IN+, IN–) as long as it is within the –0.3 V to 6 V range
(4)
Maximum current for GND or VCC pins due to combined output load current for all channels, sinking or sourcing. Continuous short
circuit will result in excessive heating and exceeding the maximum allowed junction temperature of 150°C, resulting in eventual rapid
device failure.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
–0.3
6
V
Input pins (IN+, IN–) from (V–)(2)
–0.3
6
V
Current into Input pins (IN+, IN–)
–10
10
mA
Output (OUT) from (V–), Open Drain TLV902x-Q1(3)
–0.3
6
V
Output (OUT) from (V–), Push-Pull TLV903x-Q1
–0.3
(V+) + 0.3
V
Total Output Current, All channels combined(4)
200
mA
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-0111
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
1.65
5.5
V
Input voltage range (IN+, IN–) from (V–)
–0.3
5.5
V
Ambient temperature, TA
–40
125
°C


Similar Part No. - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
4Mb / 68P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9022-Q1 TI1-TLV9022-Q1 Datasheet
4Mb / 73P
[Old version datasheet]   TLV902x and TLV903x Precision Comparator Family
MARCH 2023
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022-Q1 TI-TLV9022-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results

Similar Description - TLV9022-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022-Q1 TI-TLV9022-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
TLV9022-Q1 TI-TLV9022-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
REVISED AUGUST 2021
TLV9022-Q1 TI-TLV9022-Q1_V03 Datasheet
2Mb / 47P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9022-Q1 TI-TLV9022-Q1_V04 Datasheet
2Mb / 50P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
JANUARY 2022
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
[Old version datasheet]   TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com