Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRT13 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRT13
Description  1.0 AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRT13 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRT13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRT13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 88 -
SRT12 THRU SRT110
1.0 AMP. Schottky Barrier Rectifiers
Voltage Range
20 to 100 Volts
Current
1.0 Ampere
Features
Plastic material used carries Underwriters Laboratory
Classification 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
High temperature soldering guaranteed:
260
℃/10seconds, 0.375” (9.5mm) lead length at 5 lbs.
(2.3 kg) tension
Mechanical Data
Cases: Molded plastic body
Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.20 gram
TS-1
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRT
12
SRT
13
SRT
14
SRT
15
SRT
16
SRT
19
SRT
110
Units
Maximum Recurrent Peak Reverse Voltage
VRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
See Fig. 1
Io
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
25.0
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.55
0.70
0.80
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=100
IR
0.5
10.0
0.05
-
mA
mA
Typical Thermal Resistance (Note 1)
R
θJA
50
℃/W
Typical Junction Capacitance ( Note 2 )
Cj
110
80
28
pF
Operating Junction Temperature Range
TJ
- 65 to + 125
-65 to + 150
Storage Temperature Range
T
STG
- 65 to + 150
Notes: 1. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
2. Measured at 1.0 MHz and Applied VR=4.0 Volts


Similar Part No. - SRT13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRT13 TSC-SRT13 Datasheet
160Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SRT13 TSC-SRT13 Datasheet
576Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SRT13 TSC-SRT13 Datasheet
204Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SRT13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB120U DYELEC-SB120U Datasheet
710Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com