Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX32P-3PQ208 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A54SX32P-3PQ208
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX32P-3PQ208 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A54SX32P-3PQ208 Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 9Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 10Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 11Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 12Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 13Page - List of Unclassifed Manufacturers A54SX32P-3PQ208 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
54S X Fam ily FPG A s
10
v3.1
3.3 V /5 V Oper ating Cond itions
Absolute M aximum Rat i ngs 1
Symbol
Parameter
Limits
Units
VCCR
2
DC Supply Voltage3
–0.3 to +6.0
V
VCCA
2
DC Supply Voltage
–0.3 to +4.0
V
VCCI
2
DC Supply Voltage
(A54SX08, A54SX16,
A54SX32)
–0.3 to +4.0
V
VCCI
2
DC Supply Voltage
(A54SX16P)
–0.3 to +6.0
V
VI
Input Voltage
–0.5 to +5.5
V
VO
Output Voltage
–0.5 to +3.6
V
IIO
I/O Source Sink
Current3
–30 to +5.0
mA
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1.
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended
periods may affect device reliability. Device should not be
operated outside the Recommended Operating Conditions.
2.
VCCR in the A54SX16P must be greater than or equal to VCCI
during power-up and power-down sequences and during
normal operation.
3.
Device inputs are normally high impedance and draw
extremely low current. However, when input voltage is greater
than VCC + 0.5V or less than GND – 0.5V, the internal protection
diodes will forward-bias and can draw excessive current.
Recommend ed Opera t ing Cond it ions
Parameter
Commer
cial
Industrial
Military
Units
Temperature
Range1
0 to+70
–40 to +85
–55 to +125
°C
3.3V Power
Supply
Tolerance
±10
±10
±10
%VC
C
5.0V Power
Supply
Tolerance
±5
±10
±10
%VC
C
Note:
1.
Ambient temperature (TA) is used for commercial and
industrial; case temperature (TC) is used for military.
Elec trica l Sp ecif i c a tions
Commercial
Industrial
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
VOH
(IOH = -20uA) (CMOS)
(IOH = -8mA) (TTL)
(IOH = -6mA) (TTL)
(VCCI – 0.1)
2.4
VCCI
VCCI
(VCCI – 0.1)
2.4
VCCI
VCCI
V
VOL
(IOL= 20uA) (CMOS)
(IOL = 12mA) (TTL)
(IOL = 8mA) (TTL)
0.10
0.50
0.50
V
VIL
0.8
0.8
V
VIH
2.0
2.0
V
tR, tF
Input Transition Time tR, tF
50
50
ns
CIO
CIO I/O Capacitance
10
10
pF
ICC
Standby Current, ICC
4.0
4.0
mA
ICC(D)
ICC(D) IDynamic VCC Supply Current
See “Evaluating Power in 54SX Devices” on page 18


Similar Part No. - A54SX32P-3PQ208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32P-3PQ208 ACTEL-A54SX32P-3PQ208 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32P-3PQ208I ACTEL-A54SX32P-3PQ208I Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32P-3PQ208M ACTEL-A54SX32P-3PQ208M Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32P-3PQ208PP ACTEL-A54SX32P-3PQ208PP Datasheet
503Kb / 64P
   SX Family FPGAs
More results

Similar Description - A54SX32P-3PQ208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com