Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS317L Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS317L
Description  3-Terminal Adjustable Output Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317L Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS317L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Application Information
Basic Circuit Operation
The TS317L is a 3-terminal floating regulator. In
operation, the TS317L develops and maintains a
nominal 1.25V reference (Vref) between its output and
adjustment terminals. This reference voltage is
converted to a programming current (Iprog.) by R1 (see
Figure 17), and this constant current flows through R2
to ground. The regulated output voltage is given by:
Vout = Vref ( 1 + R2 / R1 ) + Iadj * R2
Since the current from the adjustment terminal (Iadj)
represents an error term in the equation, the TS317L
was designed to control Iadj to less than 100uA and
keep it constant. To do this, all quiescent operating
current is returned to the output terminal. This imposes
the requirement for a minimum load current. If the load
current is less than this minimum, the output voltage
will rise.
Since the TS317L is a floating regulator, it is only the
voltage differential across the circuit which is important
to performance, and operation at high voltages with
respect to ground is possible.
Figure 1. basic circuit configuration
Load Regulation
The TS317L is capable of providing extremely good
load regulation, but a few precautions are needed to
obtain maximum performance. The current set resistor
connected between the adjustment therminal and the
output terminal (usually 240Ω) should be tied directly to
the output of the regulator rather than near the load.
This eliminates line drops from appearing effectively in
series with the reference and degrading regulation. For
example, a 15V regulator with 0.05Ω resistance
between the regulator and load will have a load
regulation due to line resistance of 0.05Ω x Io.
If the set resistor is connected near the load the
effective line resistance will be 0.05Ω (1+ R2/R1) or in
this case, 11.5 times worse.
Figure 6 shows the effect of resistance between the
regulator and 240Ω set resistor.
With the TO-92 package, it is easy to minimize the
resistance from the case of the set resistor, by using
two separate leads to the output pin. The ground of R2
can be returned near the ground of the load to provide
remote ground sensing and improve load regulation.
Figure 2. Regulator with line resistance in
output lead
External Capacitor
An input bypass capacitor is recommended in case the
regulator is more than 6 inches away from the usual
large filter capacitor. A 0.1
µF disc or 1µF tantalum
input bypass capacitor (Cin) is recommended to reduce
the sensitivity to input line impedance.
The adjustment terminal may be bypassed to ground to
improve ripple rejection and noice. This capacitor
(Cadj) prevents ripple from being amplified as the
output voltage is increased. With a 10uF bypass
capacitor 80dB ripple rejection is obtainable at any
output level. Increased over 10uF do not appreciably
improve the ripple rejection at frequencies above
120Hz. If the bypass capacitor is used, it is sometimes
necessary to include protection diodes to prevent the
capacitor from discharging through internal low current
paths and damaging the device.
In general, the best type of capacitors to use is solid
tantalum.
Solid
tantalum
capacitors
have
low
impedance even at high frequencies. Depending upon
capacitor construction, it takes about 25uF in aluminum
electrolytic to equal 1uF solid tantalum at high
frequencies. Ceramic capacitors are also good at high
frequencies; but some types have a large
TS317L
3-6
2003/12 rev. A


Similar Part No. - TS317L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317LCSRL TSC-TS317LCSRL Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317LCSRL TSC-TS317LCSRL Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317LCSRL TSC-TS317LCSRL Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results

Similar Description - TS317L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
PJ317 ETC1-PJ317 Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317 Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL317L BELLING-BL317L Datasheet
426Kb / 6P
   3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com