Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS79L12 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS79L12
Description  3-Terminal Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L12 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS79L12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L12 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS79L00 series
7-8
2003/12 rev. D
TO-92 Mechanical Drawing
C
D
A
B
H
E
F
G
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
H
F
E
B
A
G
C
D
J
I


Similar Part No. - TS79L12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTA3 TSC-TS79L05CTA3 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTB0 TSC-TS79L05CTB0 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
More results

Similar Description - TS79L12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com