Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS79L09CT Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS79L09CT
Description  3-Terminal Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L09CT Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS79L09CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L09CT Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TS79L00 series
8-8
2003/12 rev. D
SOP-8 Mechanical Drawing
C
P
B
D
K
G
1
8
A
16
9
R
M
F
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 (typ)
0.05 (typ)
K
0.10
0.25
0.004
0.009
M
0
o
7
o
0
o
7
o
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TS79L09CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L09CTA3 TSC-TS79L09CTA3 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L09CTB0 TSC-TS79L09CTB0 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
More results

Similar Description - TS79L09CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com