Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS79M08CP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS79M08CP
Description  3-Terminal Medium Current Negative Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M08CP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS79M08CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79M08CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M08CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M08CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M08CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M08CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M08CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS79M00 series
2-7
2003/12 rev. A
TS79M05 Electrical Characteristics
(Vin= -10V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 4.80
- 5
- 5.20
Output voltage
Vout
-7.5V
≤Vin≤ -20V,
5mA
≤Iout≤350mA, PD≤5W
- 4.75
- 5
- 5.25
V
Line Regulation
REGline
Tj=25
oC
-7.5V
≤Vin≤ -25V,
Io=200mA
--
3
50
5mA
≤Iout≤500mA
--
20
100
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-7.5V
≤Vin≤ -25V
--
--
0.5
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
40
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -8V
≤Vin≤ -18V
54
66
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.2
--
mV/
oC
TS79M06 Electrical Characteristics
(Vin= -11V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 5.75
- 6
- 6.25
Output Voltage
Vout
-8.5V
≤Vin≤ -21V,
5mA
≤Iout≤350mA, PD≤5W
- 6.3
- 6
- 6.3
V
Line Regulation
REGline
Tj=25
oC
-8.5V
≤Vin≤ -25V,
Io=200mA
--
3
50
5mA
≤Iout≤500A
--
20
120
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-8.5V
≤Vin≤ -25V
--
--
0.5
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
40
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -9V
≤Vin≤ -19V
54
66
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.2
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS79M08CP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_10 Datasheet
273Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M05ACPRO TSC-TS79M05ACPRO Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
More results

Similar Description - TS79M08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
   MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
140Kb / 8P
   3-Terminal Low Current Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com