Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1581CZ533 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1581CZ533
Description  5A Dual Input Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581CZ533 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1581CZ533 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581CZ533 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581CZ533 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581CZ533 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581CZ533 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581CZ533 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581CZ533 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS1581 series
3-3
2003/12 rev. B
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
50
Thermal Resistance
Junction to Ambient
TO-263-5L
60
oC/W
Pin Description
Pin No.
Pin Name
Pin Description
1
Sense
This pin is the positive side of the reference voltage for this device. With this pin it is
possible to Kelvin Sense the output voltage at the load.
2
Adjust / Ground
This pin is the negative side of the reference voltage for this device. Transient
response can be improved by adding a small bypass capacitor from the adjust pin to
ground.
3
Output
This pin is power output of the device.
4
Control
This pin is the supply pin for the control circuitry for the device. The current flow into
this pin will be about 1% of the output current. For the device to regulate, the voltage
at this pin must be 1.3V greater than the output voltage.
5
Power
This pin is the collector of the power transistor. The output load current is supplied
through this pin. The voltage at this pin must be 0.7V greater than the output voltage
for the device to regulate.


Similar Part No. - TS1581CZ533

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1581CZ5C0 TSC-TS1581CZ5C0 Datasheet
431Kb / 9P
   5A Dual Input LDO
TS1581CZ5XXC0 TSC-TS1581CZ5XXC0 Datasheet
431Kb / 9P
   5A Dual Input LDO
More results

Similar Description - TS1581CZ533

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com