Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10007 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ10007
Description  NPN SILICON POWER DARLINGTON TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10007 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ10007 Datasheet HTML 1Page - ON Semiconductor MJ10007 Datasheet HTML 2Page - ON Semiconductor MJ10007 Datasheet HTML 3Page - ON Semiconductor MJ10007 Datasheet HTML 4Page - ON Semiconductor MJ10007 Datasheet HTML 5Page - ON Semiconductor MJ10007 Datasheet HTML 6Page - ON Semiconductor MJ10007 Datasheet HTML 7Page - ON Semiconductor MJ10007 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJ10007
4
Motorola Bipolar Power Transistor Device Data
IC(pk)
t
t1
tf
t
IC
VCE
VCEO(sus)
VCEX(sus) AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
fo = 500 kHz
Vclamp = Rated VCEX Value
VCC = 250 V
RL = 50 Ω
Pulse Width = 50
µs
t2
TIME
tf CLAMPED
VCE or
Vclamp
tf UNCLAMPED [ t2
20
1
0
PW Varied to Attain
IC = 250 mA
2
INDUCTIVE TEST CIRCUIT
INDUCTIVE TEST CIRCUIT
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
1
2
TUT
RL
VCC
t1 ≈
Lcoil (IC
pk
)
VCC
t2 ≈
Lcoil (IC
pk
)
VClamp
Table 1. Test Conditions for Dynamic Performance
Figure 7. Inductive Switching Measurements
TIME
tsv
trv
tfi
tti
90% Vclamp
tc
90% IB1
IB
10%
IC
2%
IC
Vclamp
IC
Vclamp
10%
Vclamp
90% IC
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% Vclamp
trv = Voltage Rise Time, 10–90% Vclamp
tfi = Current Fall Time, 90–10% IC
tti = Current Tail, 10–2% IC
tc = Crossover Time, 10% Vclamp to 10% IC
An enlarged portion of the turn–off waveforms is shown in
Figure 7 to aid in the visual identity of these terms.


Similar Part No. - MJ10007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10007 MOSPEC-MJ10007 Datasheet
190Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
Wing Shing Computer Com...
MJ10007 WINGS-MJ10007 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10007 BOCA-MJ10007 Datasheet
197Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTOR WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10007 NJSEMI-MJ10007 Datasheet
138Kb / 2P
   10 AMPERE POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJ10007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com