Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA219 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMA219
Description  X-BAND LNA MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA219 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMA219 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA219 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA219 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA219 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA219 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRELIMINARY
FMA219
X-BAND LNA MMIC
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised: 11/22/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
ASSEMBLY DRAWING
Notes:
Recommended lead bond technique is thermocompression wedge bonding with 0.001” (25µm) diameter wire. The
bond tool force shall be 35-38 gram. Bonding stage temperature shall be 230-240°C, heated tool (150-160°C) is
recommended. Ultrasonic or thermosonic bonding is not recommended.
The recommended die attach is conductive epoxy, following the manufacturer’s recommended curing procedure.
For eutectic die attach the maximum time at 280-300°C is 60 seconds, and should be kept to a minium.
The supply de-coupling capacitor (150 pF recommended value) should be placed as close to the MMIC as practical.
All information and specifications subject to change without notice.
75
µm nominal gap on
each side
250
µm Au ribbon
recommended
25
µm dia. Au wire (x2) on
input and output ports, less
than 1000
µm length each
To +VDD
Input and output thin film
substrates with 50
Ω microstrip
transmission lines. Substrate
thickness 250
µm or thinner is
recommended.
150pF
capacitor


Similar Part No. - FMA219

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
389Kb / 5P
   X-BAND LNA MMIC
FMA219 FILTRONIC-FMA219_1 Datasheet
389Kb / 5P
   X-BAND LNA MMIC
More results

Similar Description - FMA219

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219_1 Datasheet
389Kb / 5P
   X-BAND LNA MMIC
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
   X-Band LNA
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1138HA8 NJRC-NJG1138HA8 Datasheet
509Kb / 14P
   900MHz Band LNA GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
Fujitsu Component Limit...
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
   LNA MMIC
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
   MMIC LNA
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
   X Band Power Amplifier MMIC
January 2017
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
   X Band Power Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com