Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA411 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMA411
Description  LOW-NOISE X-BAND MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA411 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMA411 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA411 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA411 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRELIMINARY
FMA411
LOW-NOISE X-BAND MMIC
Phone: +1 408 850-5790
www.filcs.com
Revised: 7/19/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
MECHANICAL OUTLINE:
Notes:
1) All units are in microns, unless otherwise specified.
2) All bond pads are 100x100 µm2
3) Bias pad (VDD) size is 100x100 µm
2


Similar Part No. - FMA411

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA4A ROHM-FMA4A Datasheet
65Kb / 2P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
65Kb / 3P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4A ROHM-FMA4A Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
More results

Similar Description - FMA411

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512_15 Datasheet
513Kb / 19P
   X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
163Kb / 14P
   X-Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
logo
New Japan Radio
NJG1142KA1 NJRC-NJG1142KA1 Datasheet
692Kb / 18P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1146KG1 NJRC-NJG1146KG1 Datasheet
579Kb / 21P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1145UA2 NJRC-NJG1145UA2 Datasheet
647Kb / 20P
   WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com