Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTT6050-2ERA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTT6050-2ERA
Description  Smart High-Side Power Switch Dual Channel, 50 m廓
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6050-2ERA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTT6050-2ERA Datasheet HTML 9Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 10Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 11Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 12Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 13Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 14Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 15Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 16Page - Infineon Technologies AG BTT6050-2ERA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Datasheet
13
Rev.1.00
2019-03-09
PROFET™+ 24V
BTT6050-2ERA
Power Stage
5.3
Inductive Load
5.3.1
Output Clamping
When switching OFF inductive loads with high side switches, the voltage VOUT drops below ground potential,
because the inductance intends to continue driving the current. To prevent the destruction of the device by
avalanche due to high voltages, there is a voltage clamp mechanism ZDS(AZ) implemented that limits negative
output voltage to a certain level (VS - VDS(AZ)). Please refer to Figure 10 and Figure 11 for details. Nevertheless,
the maximum allowed load inductance is limited.
Figure 10 Output Clamp (OUT0 and OUT1)
Figure 11 Switching an Inductive Load Timing
VBAT
VOUT
IL
L, RL
VS
OUT
VDS
LOGIC
IN
VIN
Output_clamp.vsd
ZDS(AZ)
GND
ZGND
IN
V
OUT
I
L
V
S
V
S-VDS(AZ)
t
t
t
Switching an inductance.vsd


Similar Part No. - BTT6050-2ERA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6050-2EKA INFINEON-BTT6050-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
BTT6050-2EKA INFINEON-BTT6050-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 1.1, 2015-03-04
More results

Similar Description - BTT6050-2ERA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_19 Datasheet
514Kb / 40P
[Old version datasheet]   40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB50-Q1 TI1-TPS2HB50-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   TPS2HB50-Q1 40-V, 50-m廓 Dual-Channel Smart High-Side Switch
logo
Infineon Technologies A...
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com