Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTT6200-1ENA Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # BTT6200-1ENA
Description  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 30Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 31Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 32Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 33Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 34Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 35Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 36Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 37Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Data Sheet
34
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
Characterization Results
9
Characterization Results
The characterization has been performed on 3 lots, with 3 devices each. Characterization has been performed
at 8 V, 28 V and 36 V over temperature range.
9.1
General Product Characteristics
P_4.2.3
P_4.2.4
Minimum Functional Supply Voltage
VS(OP)_MIN= f(TJ)
Undervoltage Threshold VS(UV)= f(TJ)
P_4.2.5
P_4.2.7, P_4.2.10
Current Consumption for Whole Device with Load
Channel Active IGND_1= f(TJ;VS)
Standby Current for Whole Device with Load
IS(OFF)= f(TJ;VS)
2.000
2.500
3.000
3.500
4.000
4.500
5.000
5.500
6.000
-50
-25
0
255075
100
125
150
Temperature [°C]
8V
28V
36V
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
5.000
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
8V
28V
36V
0.000
0.500
1.000
1.500
2.000
2.500
3.000
-50
-25
0
255075
100
125
150
Temperature [°C]
8V
28V
36V
0.000
0.200
0.400
0.600
0.800
1.000
1.200
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
8V
28V
36V


Similar Part No. - BTT6200-1ENA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

Similar Description - BTT6200-1ENA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com