Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTT6200-4ESA Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # BTT6200-4ESA
Description  PROFET?? 24V
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-4ESA Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button BTT6200-4ESA Datasheet HTML 43Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 44Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 45Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 46Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 47Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 48Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 49Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 50Page - Infineon Technologies AG BTT6200-4ESA Datasheet HTML 51Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
10
Application information
Note:
The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
CVDD
CVS
A/D
I/O
I/O
GND
Micro
controller
DEN
DSEL0
GND
VS
RSENSE
RDEN
RDSEL
RDSEL
DSEL1
RIN
I/O
RIN
RIN
RIN
OUT3
OUT4
IN0
IN1
IN2
IN3
VDD
I/O
I/O
I/O
I/O
OUT
VS
GND
Voltage Regulator
Z
E.C.U.
VBAT
OUT0
OUT1
OUT2
OUT3
+
86
85
30
87
IS
D
-
R5W
LED
Relay
CSENSE
COUT
COUT
COUT
COUT
T1
Page-1
Figure 29
Application diagram with BTT6200-4ESA
Note:
This is a very simplified example of an application circuit. The function must be verified in the real
application.
Table 12
Bill of material
Reference
Value
Purpose
RIN
10 kΩ
Protection of the microcontroller during overvoltage, reverse polarity
Guarantee BTT6200-4ESA channels OFF during loss of ground
RDSEL
10 kΩ
Protection of the microcontroller during overvoltage, reverse polarity
RDEN
10 kΩ
Protection of the microcontroller during overvoltage, reverse polarity
PROFET+ 24V
BTT6200-4ESA
Application information
Datasheet
47
Rev. 1.00
2019-03-09


Similar Part No. - BTT6200-4ESA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
More results

Similar Description - BTT6200-4ESA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS612 SIEMENS-BTS612 Datasheet
291Kb / 9P
   TWO CHANNEL PROFET
logo
Infineon Technologies A...
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50070-1EGA INFINEON-BTS50070-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS50060-1EGA INFINEON-BTS50060-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50050-1EGA INFINEON-BTS50050-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS5230GS INFINEON-BTS5230GS Datasheet
453Kb / 28P
   Smart High-Side Power Switch PROFET
V2.0, June 2005
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS7004-1EPP INFINEON-BTS7004-1EPP Datasheet
1Mb / 57P
   PROFET??2 12V Smart High-Side Power Switch
Rev. 1.01.01 2019-04-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com