Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS4075Q-EP-D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ITS4075Q-EP-D
Description  75 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4075Q-EP-D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ITS4075Q-EP-D Datasheet HTML 6Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 7Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 8Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 9Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 10Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 11Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 12Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 13Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Data Sheet
10
Rev. 1.01
2018-06-14
ITS4075Q-EP-D
75 mΩ Quad Channel Smart High-Side Power Switch
General Product Characteristics
4.2
Functional Range
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
Table 2
Functional Range
Tj = -40°C to 150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Nominal operating voltage
VS(NOM)
824
36
V
VS > VIN
P_4.2.1
Extended operating voltage
VS(EOP)
5–
45
V
1) VS > VIN
IOUT =2 A
VDS <0.5 V
P_4.2.2
Minimum functional supply voltage
during power-up
VS(OP)_MIN
–4.3
5
V
VS > VIN
IOUT =0 A to
VDS <0.5 V
(
VS rising;
powering up)
P_4.2.3
Undervoltage shutdown
VS(UV)
33.5
4.1
V
VS > VIN
from
VDS <0.5 V
to
IOUT =0 A
(
VS dropping
from functional
range)
P_4.2.4
Undervoltage shutdown hysteresis
VS(UV)_HYS
850 –
mV 1)
1) Not subject to production test; specified by design.
P_4.2.5
Operating current
One channel active
IGND_1
–2
3
mA
VS = VIN =24V
Device in
RDS(ON)
P_4.2.6
Operating current
All channels active
IGND_4
–5.2
7
mA
VS = VIN =24 V
Device in
RDS(ON)
P_4.2.9
Junction Temperature
Tj
-40 –
150 °C
P_4.2.8


Similar Part No. - ITS4075Q-EP-D

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS40-00-F-V1-S-TR CK-COMPONENTS-ITS40-00-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR1-S-TR CK-COMPONENTS-ITS40-00-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR2-S-TR CK-COMPONENTS-ITS40-00-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR3N-S-TR CK-COMPONENTS-ITS40-00-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FV2-S-TR CK-COMPONENTS-ITS40-00-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Similar Description - ITS4075Q-EP-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4130Q-EP-D INFINEON-ITS4130Q-EP-D Datasheet
1Mb / 42P
   130 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com