Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS4075Q-EP-D Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # ITS4075Q-EP-D
Description  75 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4075Q-EP-D Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button ITS4075Q-EP-D Datasheet HTML 11Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 12Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 13Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 14Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 15Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 16Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 17Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 18Page - Infineon Technologies AG ITS4075Q-EP-D Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Data Sheet
15
Rev. 1.01
2018-06-14
ITS4075Q-EP-D
75 mΩ Quad Channel Smart High-Side Power Switch
Power Stage
5.3
Inductive Load
5.3.1
Output Clamping
When switching OFF inductive loads with high-side switches, the voltage
VOUT drops below ground potential,
because the inductance intends to continue driving the current. To prevent the destruction of the device by
avalanche due to high voltage drop over the power stage a voltage clamp mechanism
ZDS(AZ) is implemented
that limits negative output voltage to a certain level (
VS - VDS(AZ)). The clamping mechanism allows in addition
a fast demagnetization of inductive loads because during the phase of active clamping the power is dissipated
to a great extent rapidly inside the switch. On the other hand the power dissipated inside the switch while
switching off inductive loads can cause considerable stress to the device. Therefore the maximum allowed
energy at a given current (and by this also the inductance) is limited. In Figure 8 and Figure 9 the basic
principle of active clamping as well as simplified waveforms when switching off inductive loads are illustrated.
Figure 8
Output Clamp
Figure 9
Switching an Inductive Load Timing
ITS4075Q-EP-D
OUTx
INx
VS
Driver
Logic
GND
Bias
ZDS(AZ)
VS
VÎN
IL
L, RL
ZGND
VDS
VOUT
IN
V
OUT
I
L
V
S
V
S-VDS(AZ)
t
t
t
Switching an inductance.vsd


Similar Part No. - ITS4075Q-EP-D

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS40-00-F-V1-S-TR CK-COMPONENTS-ITS40-00-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR1-S-TR CK-COMPONENTS-ITS40-00-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR2-S-TR CK-COMPONENTS-ITS40-00-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FR3N-S-TR CK-COMPONENTS-ITS40-00-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS40-00-FV2-S-TR CK-COMPONENTS-ITS40-00-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Similar Description - ITS4075Q-EP-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4130Q-EP-D INFINEON-ITS4130Q-EP-D Datasheet
1Mb / 42P
   130 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com