Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS4130Q-EP-D Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ITS4130Q-EP-D
Description  130 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4130Q-EP-D Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ITS4130Q-EP-D Datasheet HTML 17Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 18Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 19Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 20Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 21Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 22Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 23Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 24Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Data Sheet
21
Rev. 1.0
2018-06-14
ITS4130Q-EP-D
130 mΩ Quad Channel Smart High-Side Power Switch
Power Stage
Turn-ON time
tON to VOUT =90% versus
Junction Temperature
Tj
Turn-OFF time
tOFF to VOUT =90% versus
Junction Temperature
Tj
Turn-ON delay time
tON_delay to VOUT =10% versus
Junction Temperature
Tj
Turn-OFF delay time
tOFF_delay to VOUT = 10% versus
Junction Temperature
Tj
−50
0
50
100
150
0
10
20
30
40
50
60
70
T
j
[
°C]
V
S
= 24V
I
Load
= 10mA
I
Load
= 0.5A
I
Load
= 0.8A
−50
0
50
100
150
0
10
20
30
40
50
60
70
T
j
[
°C]
V
S
= 24V
I
Load
= 10mA
I
Load
= 0.5A
I
Load
= 0.8A
−50
0
50
100
150
0
5
10
15
20
25
30
35
40
45
50
T
j
[
°C]
V
S
= 24V
I
Load
= 10mA
I
Load
= 0.5A
I
Load
= 0.8A
−50
0
50
100
150
0
5
10
15
20
25
30
35
40
45
50
T
j
[
°C]
V
S
= 24V
I
Load
= 10mA
I
Load
= 0.5A
I
Load
= 0.8A


Similar Part No. - ITS4130Q-EP-D

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Similar Description - ITS4130Q-EP-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
   75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com