Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESD Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 38Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 39Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 40Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 41Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 42Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 43Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 44Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 45Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Datasheet
42
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
Protection Functions
be switched ON after clearing the protection latch by setting the corresponding HWCR_OCL.OUTn bit to “1”.
This bit is set back to “0” internally after de-latching the channel.
8.3
Over Temperature and Over Load Protection in Limp Home mode
When TLE75602-ESD is in Limp Home mode, channels 2 and 3 can be switched ON using the input pins. In case
of Over Load, Short Circuit or Over Temperature the channels switch OFF. If the input pins remain “high”, the
channels restart with the following timings:
• 10 ms (first 8 retries)
•20 ms (following 8 retries)
•40 ms (following 8 retries)
• 80 ms (as long as the input pin remains “high” and the error is still present)
If at any time the input pin is set to “low” for longer than 2*tSYNC, the restart timer is reset. At the next channel
activation while in Limp Home mode the timer starts from 10 ms again. See Figure 21 for details. Over Load
current thresholds behave as described in Chapter 8.1.
Figure 21 Restart timer in Limp Home mode
8.4
Reverse Polarity Protection
In Reverse Polarity (also known as Reverse Battery) condition, power dissipation is caused by the intrinsic
body diode of each DMOS channel (for Low-Side channels and for auto-configurable channels used as Low-
Side switches), while auto-configurable channels used as High-Side switches have Reversave™ functionality.
Each ESD diode of the logic and supply pins contributes to total power dissipation. Channels with Reversave™
functionality are switched ON almost with the same RDS(ON) (see parameter RDS(REV)). The reverse current
through the channels has to be limited by the connected loads. The current through digital power supply VDD
and input pins has to be limited as well (please refer to the Absolute Maximum Ratings listed on Chapter 4.1).
Note:
No protection mechanism like temperature protection or current limitation is active during reverse
polarity.
8.5
Over Voltage Protection
In the case of supply voltages between VS(SC) and VS(LD) the output transistors are still operational and follow
the input pins or the OUT register.
In addition to the output clamp for inductive loads as described in Chapter 7.1.2, there is a clamp mechanism
available for over voltage protection for the logic and all channels, monitoring the voltage between VS and
GND pins (VS(AZ)).
IN0
IN1
IL2
I
L3
t
t
LHrestart.emf
tRETRY0(LH)
10 ms
01
8
tRETRY1(LH)
20 ms
1
8
tRETRY2(LH)
40 ms
1
8
tRETRY3(LH)
80 ms
tRETRY0(LH)
10 ms
01


Similar Part No. - TLE75602-ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75602-ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
TLE7237SL INFINEON-TLE7237SL Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7234SE INFINEON-TLE7234SE Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7238SL INFINEON-TLE7238SL Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7232G INFINEON-TLE7232G Datasheet
922Kb / 36P
   SPI Driver for Enhanced Relay Control
V1.0, September 2005
TLE7233EM INFINEON-TLE7233EM Datasheet
966Kb / 33P
   SPI Driver for Enhanced Relay Control
Rev. 1.2, May 2014
TLE7236EM INFINEON-TLE7236EM Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com