Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESD Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE75602-ESD
Description  SPI Driver for Enhanced Relay Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESD Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE75602-ESD Datasheet HTML 8Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 9Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 10Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 11Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 12Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 13Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 14Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 15Page - Infineon Technologies AG TLE75602-ESD Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Datasheet
12
Rev. 1.0
2017-11-23
TLE75602-ESD
SPIDER+ 12V
General Product Characteristics
4.3
Thermal Resistance
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more
information, go to www.jedec.org.
4.3.1
PCB set up
Figure 5
2s2p PCB Cross Section
Table 4
Thermal Resistance
Parameter
Symbol
Values
Unit Note or
Test Condition
Numbe
r
Min.
Typ.
Max.
Junction to Soldering Point RthJSP
–3
5
K/W
1)
measured to exposed
pad (pin 25)
1) not subject to production test, specified by design
P_4.3.4
Junction to Ambient
RthJA
–28
K/W
1)2)
2) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; the Product
(Chip+Package) was simulated on a 76.2 * 114.3 * 1.5 mm board with 2 inner copper layers (2 * 70 µm Cu, 2 * 35 µm
Cu). Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.3.5
1.5mm
70µm
35µm
0.3mm
Zth_PCB_2s2p.emf


Similar Part No. - TLE75602-ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75602-ESH INFINEON-TLE75602-ESH Datasheet
2Mb / 82P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75602-ESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
TLE7237SL INFINEON-TLE7237SL Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7234SE INFINEON-TLE7234SE Datasheet
1Mb / 36P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7236SE INFINEON-TLE7236SE Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7238SL INFINEON-TLE7238SL Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
TLE7232G INFINEON-TLE7232G Datasheet
922Kb / 36P
   SPI Driver for Enhanced Relay Control
V1.0, September 2005
TLE7233EM INFINEON-TLE7233EM Datasheet
966Kb / 33P
   SPI Driver for Enhanced Relay Control
Rev. 1.2, May 2014
TLE7236EM INFINEON-TLE7236EM Datasheet
1Mb / 37P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2010-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com