Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESH Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 31Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 32Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 33Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 34Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 35Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 36Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 37Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 38Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
Datasheet
35
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Power Stages
Figure 17, Figure 18 show a concept drawing of the implementation. Nevertheless, the maximum allowed
load inductance is limited. The clamping structure protects the device in all operative modes (Sleep, Idle,
Active, Limp Home).
Figure 17 Output Clamp concept
Figure 18 Output Clamp concept
PowerStage_LS.emf
VS
Low -side
Channel
L,
RL
IL_D
OUT
VDS
VDS(CL)
GND
IL
PowerStage_XS.emf
Auto -configurable
Channel (as high -side)
VS
L,
RL
VOUTn_S
IL_S
L,
RL
IL_D
VOUT_S(CL)
VDS(CL)
I
L
IL
OUTn_D
OUTn_S
VDS
GND
Auto-configurable
Channel (as low-side)
VOUT_S(CL)
VDS(CL)
OUTn_D
OUTn_S
VDS
GND


Similar Part No. - TLE75602-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75602-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com