Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESH Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 51Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 52Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 53Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 54Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 55Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 56Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 57Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 58Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
Datasheet
55
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Diagnosis
9.4
Electrical Characteristics Diagnosis
Table 12
Electrical Characteristics Diagnosis
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Output Status Monitor
Output Status Monitor
comparator settling time
tOSM
––
20
µs
1)
P_9.5.1
Output Status Monitor
threshold voltage
(Low-Side channels and
auto-configurable channels
used as Low-Side switches)
VDS(OL)
33.3
3.6
V
P_9.5.2
Output Status Monitor
threshold voltage
(auto-configurablechannels
used as High-Side switches)
VOUT_S(OL)
33.3
3.6
V
2)
P_9.5.4
Output diagnosis current
IOL
70
85
100
µA
VDS = 3.3 V
(Low-Side
channels and auto-
configurable
channels used as
Low-Side
switches)
VOUT_S = 3.3 V
(auto-configurable
channels used as
High-Side
switches)
P_9.5.5
Open Load equivalent
resistance
ROL
30
300
1)
P_9.5.6
Open Load at ON
Open Load at ON Diagnosis
waiting time before mux
activation
tONMAX
40
58
76
µs
1)
P_9.5.7
Open Load at ON Diagnosis
settling time
tOLONSET
–20
40
µs
1)
P_9.5.8
Open Load at ON Diagnosis
channel switching time
tOLONSW
–10
20
µs
1)
P_9.5.9
Open Load detection
threshold current
IL(OL)
16
10
mA
TJ = -40 °C
P_9.5.10


Similar Part No. - TLE75602-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Similar Description - TLE75602-ESH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com