Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD94100 Datasheet(PDF) 95 Page - Nuvoton Technology Corporation

Part # ISD94100
Description  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 Datasheet(HTML) 95 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 91Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 92Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 93Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 94Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 95Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 96Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 97Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 98Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 99Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 95 of 109
Rev1.13
7.6 USB Characteristics
7.6.1
USB Full-Speed Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
VIH
Input High (driven)
2.0
-
-
V
-
VIL
Input Low
-
-
0.8
V
-
VDI
Differential Input Sensitivity
0.2
-
-
V
|PADP-PADM|
VCM
Differential
Common-mode Range
0.8
-
2.5
V
Includes VDI range
VSE
Single-ended Receiver Threshold
0.8
-
2.0
V
-
Receiver Hysteresis
-
200
-
mV
-
VOL
Output Low (driven)
0
-
0.3
V
-
VOH
Output High (driven)
2.8
-
3.6
V
-
VCRS
Output Signal Cross Voltage
1.3
-
2.0
V
-
RPU
Pull-up Resistor
1.2
-
ZDRV
Driver Output Resistance
-
10
-
Ω
Steady state drive*
CIN
Transceiver Capacitance
-
-
20
pF
Pin to GND
*Driver output resistance doesn’t include series resistor resistance.
Table 7.6.1-1 USB Full-Speed Characteristics
7.6.2
USB Full-Speed
PHY Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Test Condition
TFR
Rise Time
4
-
20
ns
CL=50p
TFF
Fall Time
4
-
20
ns
CL=50p
TFRFF
Rise and Fall Time Matching
90
-
111.11
%
TFRFF=TFR/TFF
Table 7.6.2-1 USB Full-Speed PHY Characteristics
7.6.3
USB VBUS Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
VBUS
VBUS Pin Input Voltage
5.0
V
-
Table 7.6.3-1 USB VBUS Characteristics


Similar Part No. - ISD94100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Similar Description - ISD94100

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com