Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD94100 Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # ISD94100
Description  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 6Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 7Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 8Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 9Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 10Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 11Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 12Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 13Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 10 of 109
Rev1.13
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin configured as interrupt source with edge/level trigger setting
Supports high slew driver and high sink current I/O (up to 20mA at 3.3V)
Supports software selectable slew rate control
Supports 5V tolerance function on subset of GPIO except analog I/O
 PDMA (Peripheral DMA)
Supports 16 independent configurable channels for automatic data transfer between
memories and peripherals
Supports stride function.
Channel 0, 1 supports time-out function for each channel.
Supports Basic and Scatter-Gather Transfer modes
Each channel supports circular buffer management using Scatter-Gather Transfer mode
Supports two types of priorities modes: Fixed-priority and Round-robin modes
Supports byte-, half-word- and word-access
Supports single and burst transfer type
Supports source and destination address can be increment or fixed.
DMA transfer count up to 65536.
Multi-Function Timer (MFT, Timer + PWM)
TIMER mode
Supports 4 sets of 32-bit timers with 24-bit up-timer and 8-bit prescale counter,
24-bit up counter value is readable.
Independent clock source for each timer
Provides One-shot, Periodic, Toggle and Continuous Counting operation modes
Supports event counting function to count the event from external pin
Supports input capture function to capture or reset counter value
Supports external capture pin event for interval measurement.
Supports external capture pin event to reset 24-bit up counter.
Supports chip wake-up from Idle/Power-down mode if a timer interrupt signal is
generated
Support Timer0 ~ Timer3 time-out interrupt signal or capture interrupt signal to
trigger PWM, EADC and DMA.
Supports Inter-Timer trigger mode
PWM mode
Supports four 16-bit PWM counters with 10-bit dead time generator
Supports 12-bit pre-scale for PWM.
Supports independent mode for PWM output channel
Supports 8 channel PWM outputs in complementary mode
Supports mask function and tri-state enable for each PWM pin
Supports interrupt on the following events:
PWM counter match zero, period value or compared value
Supports trigger EADC on the following events:
PWM counter match zero, period value or compared value
PWM
Supports up to 6 independent PWM outputs with 16-bit resolution
Supports maximum clock frequency up to 200MHz
Supports 12-bit clock prescale
Supports dead time with maximum divided 12-bit prescale
Supports one-shot or auto-reload counter operation mode
Supports up, down or up-down PWM counter type
Supports synchronous function for phase control
Supports counter synchronous start function


Similar Part No. - ISD94100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

Similar Description - ISD94100

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com