Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4943BDY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4943BDY
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4943BDY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4943BDY Datasheet HTML 1Page - Vishay Siliconix SI4943BDY Datasheet HTML 2Page - Vishay Siliconix SI4943BDY Datasheet HTML 3Page - Vishay Siliconix SI4943BDY Datasheet HTML 4Page - Vishay Siliconix SI4943BDY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4943BDY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73073
S-41527—Rev. A, 16-Aug-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1
−3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −20 V, VGS = 0 V, TJ = 55_C
−5
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −10 V
−30
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −8.4 A
0.016
0.019
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −4.5 V, ID = −6.7 A
0.026
0.031
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −8.4 A
20
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
−0.75
−1.2
V
Dynamicb
Total Gate Charge
Qg
17
25
Gate-Source Charge
Qgs
VDS = −10 V, VGS = −5 V, ID = −8.4 A
5
nC
Gate-Drain Charge
Qgd
6.7
Gate Resistance
Rg
f = 1 MHz
6
12
18
W
Turn-On Delay Time
td(on)
11
17
Rise Time
tr
VDD = −10 V, RL = 10 W
10
15
Turn-Off Delay Time
td(off)
VDD = −10 V, RL = 10 W
ID ^ −1 A, VGEN = −10 V, Rg = 6 W
94
140
ns
Fall Time
tf
60
90
Source-Drain Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
55
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
6
12
18
24
30
0
1234
5
VGS = 10 thru 5 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
3 V
4 V


Similar Part No. - SI4943BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4943BDY VISHAY-SI4943BDY_V01 Datasheet
164Kb / 7P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4943BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com