Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7806BD2TR4G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC7806BD2TR4G
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7806BD2TR4G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC7806BD2TR4G Datasheet HTML 5Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 6Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 7Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 8Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 9Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 10Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 11Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 12Page - ON Semiconductor MC7806BD2TR4G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
9
ELECTRICAL CHARACTERISTICS (Vin = 15 V, IO = 500 mA, TJ = Tlow to Thigh (Note 13), unless otherwise noted)
MC7809B
MC7809C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
8.65
9.0
9.35
8.65
9.0
9.35
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
11.5 Vdc
≤ Vin ≤ 24 Vdc
8.55
9.0
9.45
8.55
9.0
9.45
Line Regulation, TJ = 25°C (Note 14)
Regline
mV
11 Vdc
≤ Vin ≤ 26 Vdc
6.2
32
6.2
32
11.5 Vdc
≤ Vin ≤ 17 Vdc
1.8
16
1.8
16
Load Regulation, TJ = 25°C (Note 14)
Regload
1.5
35
1.5
35
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
3.4
8.0
3.4
8.0
mA
Quiescent Current Change
DIB
mA
11.5 Vdc
≤ Vin ≤ 26 Vdc
1.0
1.0
5.0 mA
≤ IO ≤ 1.0 A
0.5
0.5
Ripple Rejection
RR
56
61
56
61
dB
11.5 Vdc
≤ Vin ≤ 21.5 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
10
mV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
1.0
1.0
m
W
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.5
−0.5
mV/
°C
13. Tlow =0°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
14. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - MC7806BD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7806BD2TR4G ONSEMI-MC7806BD2TR4G Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7806BD2TR4G ONSEMI-MC7806BD2TR4G Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC7806BD2TR4G ONSEMI-MC7806BD2TR4G Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC7806BD2TR4G ONSEMI-MC7806BD2TR4G Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results

Similar Description - MC7806BD2TR4G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com