Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BUY71 Datasheet(HTML) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

Part No. BUY71
Description  SPTECH Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPTECH [Shenzhen SPTECH Microelectronics Co., Ltd.]
Homepage  http://www.superic-tech.com/
Logo 

BUY71 Datasheet(HTML) 2 Page - Shenzhen SPTECH Microelectronics Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
SPTECH Product Specification
SPTECH website:www.superic-tech.com
2
SPTECH Silicon NPN Power Transistor
BUY71
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 10mA; IB= 0
800
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 0.1A; IC= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 1.5A
10
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1.5A; IB= 1.5A
1.5
V
ICBO
Collector Cutoff Current
VCB=1600; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE
DC Current Gain
IC= 0.5A ; VCE= 5V
8
tf
Fall Time
IC= 1.2A
0.7
μ
s


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn